Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C512DI-12 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X28C512DI-12
Description  5V, Byte Alterable EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C512DI-12 Datasheet(HTML) 1 Page - Intersil Corporation

  X28C512DI-12 Datasheet HTML 1Page - Intersil Corporation X28C512DI-12 Datasheet HTML 2Page - Intersil Corporation X28C512DI-12 Datasheet HTML 3Page - Intersil Corporation X28C512DI-12 Datasheet HTML 4Page - Intersil Corporation X28C512DI-12 Datasheet HTML 5Page - Intersil Corporation X28C512DI-12 Datasheet HTML 6Page - Intersil Corporation X28C512DI-12 Datasheet HTML 7Page - Intersil Corporation X28C512DI-12 Datasheet HTML 8Page - Intersil Corporation X28C512DI-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
®
FN8106.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X28C512, X28C513
5V, Byte Alterable EEPROM
The X28C512, X28C513 are 64K x 8 EEPROM, fabricated
with Intersil’s proprietary, high performance, floating gate
CMOS technology. Like all Intersil programmable nonvolatile
memories, the X28C512, X28C513 are 5V only devices. The
X28C512, X28C513 feature the JEDEC approved pin out for
byte wide memories, compatible with industry standard
EPROMS.
The X28C512, X28C513 support a 128-byte page write
operation, effectively providing a 39µs/byte write cycle and
enabling the entire memory to be written in less than 2.5
seconds. The X28C512, X28C513 also feature DATA Polling
and Toggle Bit Polling, system software support schemes
used to indicate the early completion of a write cycle. In
addition, the X28C512, X28C513 support the software data
protection option.
Features
• Access Time: 90ns
• Simple Byte and Page Write
- Single 5V supply
• No external high voltages or VPP control circuits
- Self-timed
• No erase before write
• No complex programming algorithms
• No overerase problem
• Low Power CMOS
- Active: 50mA
- Standby: 500µA
• Software Data Protection
- Protects data against system level inadvertent writes
• High Speed Page Write Capability
• Highly Reliable Direct WriteCell
- Endurance: 100,000 write cycles
- Data retention: 100 years
- Early end of write detection
-DATA polling
- Toggle bit polling
• Two PLCC and LCC Pinouts
- X28C512
• X28C010 EPROM pin compatible
- X28C513
• Compatible with lower density EEPROMs
• Pb-Free Plus Anneal Available (RoHS Compliant)
Data Sheet
September 29, 2005


Similar Part No. - X28C512DI-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C512DI-12 XICOR-X28C512DI-12 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Renesas Technology Corp
X28C512DI-12 RENESAS-X28C512DI-12 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C512DI-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com