Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C503P Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9C503P
Description  Digitally Controlled Pot (XDCP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C503P Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9C503P Datasheet HTML 3Page - Intersil Corporation X9C503P Datasheet HTML 4Page - Intersil Corporation X9C503P Datasheet HTML 5Page - Intersil Corporation X9C503P Datasheet HTML 6Page - Intersil Corporation X9C503P Datasheet HTML 7Page - Intersil Corporation X9C503P Datasheet HTML 8Page - Intersil Corporation X9C503P Datasheet HTML 9Page - Intersil Corporation X9C503P Datasheet HTML 10Page - Intersil Corporation X9C503P Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8222.1
September 19, 2005
PACKAGING INFORMATION
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.019 (0.49)
Pin 1
Pin 1 Index
0.010 (0.25)
0.020 (0.50)
0.050 (1.27)
0.188 (4.78)
0.197 (5.00)
0.004 (0.19)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7°
0.016 (0.410)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0° - 8°
X 45°
8-Lead Plastic Small Outline Gull Wing Package Type S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.250"
0.050" Typical
0.050"
Typical
0.030"
Typical
8 Places
FOOTPRINT
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C503P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C503P XICOR-X9C503P Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C503P INTERSIL-X9C503P Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C503P INTERSIL-X9C503P Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C503P INTERSIL-X9C503P Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C503P INTERSIL-X9C503P Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C503P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
X9C303 INTERSIL-X9C303 Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com