Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33304P Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33304P
Description  RAIL-TO-RAIL SLEEP-MODE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33304P Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33304P Datasheet HTML 3Page - ON Semiconductor MC33304P Datasheet HTML 4Page - ON Semiconductor MC33304P Datasheet HTML 5Page - ON Semiconductor MC33304P Datasheet HTML 6Page - ON Semiconductor MC33304P Datasheet HTML 7Page - ON Semiconductor MC33304P Datasheet HTML 8Page - ON Semiconductor MC33304P Datasheet HTML 9Page - ON Semiconductor MC33304P Datasheet HTML 10Page - ON Semiconductor MC33304P Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC33304
7
MOTOROLA ANALOG IC DEVICE DATA
MC33304P
MC33304P
–55
2.5 k
TA, AMBIENT TEMPERATURE (°C)
–40 –25
0
25
50
85
125
2.0 k
1.5 k
1.0 k
0.5 k
0
–55
150
TA, AMBIENT TEMPERATURE (°C)
VCC = +5.0 V
VEE = Gnd
VCM = 0 V
Awakemode
–40 –25
0
25
50
85
125
135
120
105
90
75
VCC = +5.0 V
VEE = Gnd
RL = 600 Ω
∆VO = 0.5 to 4.5 V
Awakemode
–55
130
TA, AMBIENT TEMPERATURE (°C)
125
85
50
25
0
–25
–40
120
110
100
90
80
12
10
6.0
2.0
0
VCC,VEE SUPPLY VOLTAGE (V)
8.0
4.0
±1.0
± 2.0
± 3.0
± 4.0
± 5.0
± 6.0
RL = 600 Ω – 1.0 MΩ
TA = 25°C
Awakemode/
Sleepmode
0.1
12
f, FREQUENCY (kHz)
Sleepmode
(RL = 1.0 MΩ)
Awakemode
(RL = 600 Ω)
VCC = +6.0 V
VEE = –6.0 V
AV = +1.0
TA = 25°C
1.0 k
100
10
1.0
10
8.0
6.0
4.0
2.0
0
–6.0
100
VCM, COMMON MODE INPUT VOLTAGE (V)
TA = 25°C
VCC = +5.0 V
VEE = Gnd
Sleepmode
Awakemode
–4.0
–2.0
0
2.0
4.0
6.0
50
0
–50
–100
–150
Figure 2. Maximum Power Dissipation
versus Temperature
Figure 3. Input Bias Current versus Temperature
Figure 4. Input Bias Current versus
Common Mode Input Voltage
Figure 5. Open Loop Voltage Gain
versus Temperature
Figure 6. Output Voltage Swing
versus Supply Voltage
Figure 7. Output Voltage versus Frequency


Similar Part No. - MC33304P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
MC33340 ONSEMI-MC33340 Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340D ONSEMI-MC33340D Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340DG ONSEMI-MC33340DG Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
More results

Similar Description - MC33304P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com