Electronic Components Datasheet Search |
|
X1226 Datasheet(PDF) 1 Page - Intersil Corporation |
|
X1226 Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 25 page 1 ® FN8098.2 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners. X1226 4K (512 x 8), 2-Wire™ RTC Real Time Clock/Calendar with EEPROM FEATURES • Real Time Clock/Calendar —Tracks time in Hours, Minutes, and Seconds —Day of the Week, Day, Month, and Year • 2 Polled Alarms (Non-volatile) —Settable on the Second, Minute, Hour, Day of the Week, Day, or Month —Repeat Mode (periodic interrupts) • Oscillator Compensation On Chip —Internal feedback resistor and compensation capacitors —64 position Digitally Controlled Trim Capacitor —6 digital frequency adjustment settings to ±30ppm • Battery Switch or Super Cap Input • 512 x 8 Bits of EEPROM —64-Byte Page Write Mode —8 modes of Block Lock™ Protection —Single Byte Write Capability • High Reliability —Data Retention: 100 years —Endurance: 100,000 cycles per byte • 2-Wire™ Interface Interoperable With I2C —400kHz data transfer rate • Frequency Output (SW Selectable: Off, 1Hz, 4096Hz or 32.768kHz) • Low Power CMOS —1.25µA Operating Current (Typical) • Small Package Options —8 Ld SOIC and 8 Ld TSSOP • Repetitive Alarms • Temperature Compensation • Pb-Free Plus Anneal Available (RoHS Compliant) APPLICATIONS • Utility Meters • HVAC Equipment • Audio / Video Components • Set Top Box / Television •Modems • Network Routers, Hubs, Switches, Bridges • Cellular Infrastructure Equipment • Fixed Broadband Wireless Equipment • Pagers / PDA • POS Equipment • Test Meters / Fixtures • Office Automation (Copiers, Fax) • Home Appliances • Computer Products • Other Industrial / Medical / Automotive DESCRIPTION The X1226 device is a Real Time Clock with clock/calendar, two polled alarms with integrated 512x8 EEPROM, oscillator compensation, and battery backup switch. The oscillator uses an external, low-cost 32.768kHz crystal. All compensation and trim components are integrated on the chip. This eliminates several external discrete components and a trim capacitor, saving board area and component cost. BLOCK DIAGRAM X1 X2 Oscillator Frequency Timer Logic Divider Calendar 8 Control/ Registers 1Hz Time Keeping Registers Alarm Regs Compare Control Decode Logic Alarm (EEPROM) (EEPROM) SCL SDA Serial Interface Decoder 4K EEPROM ARRAY Registers Status (SRAM) Select PHZ/IRQ VCC VBACK 32.768kHz (SRAM) Battery Circuitry Switch OSC Compensation Data Sheet September 15, 2005 |
Similar Part No. - X1226 |
|
Similar Description - X1226 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |