Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33202VD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33202VD
Description  Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33202VD Datasheet(HTML) 1 Page - ON Semiconductor

  MC33202VD Datasheet HTML 1Page - ON Semiconductor MC33202VD Datasheet HTML 2Page - ON Semiconductor MC33202VD Datasheet HTML 3Page - ON Semiconductor MC33202VD Datasheet HTML 4Page - ON Semiconductor MC33202VD Datasheet HTML 5Page - ON Semiconductor MC33202VD Datasheet HTML 6Page - ON Semiconductor MC33202VD Datasheet HTML 7Page - ON Semiconductor MC33202VD Datasheet HTML 8Page - ON Semiconductor MC33202VD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2004
March, 2004 − Rev. 12
1
Publication Order Number:
MC33201/D
MC33201, MC33202,
MC33204, NCV33202,
NCV33204
Low Voltage, Rail−to−Rail
Operational Amplifiers
The MC33201/2/4 family of operational amplifiers provide
rail−to−rail operation on both the input and output. The inputs can be
driven as high as 200 mV beyond the supply rails without phase
reversal on the outputs, and the output can swing within 50 mV of each
rail. This rail−to−rail operation enables the user to make full use of the
supply voltage range available. It is designed to work at very low
supply voltages (
± 0.9 V) yet can operate with a supply of up to +12 V
and ground. Output current boosting techniques provide a high output
current capability while keeping the drain current of the amplifier to a
minimum. Also, the combination of low noise and distortion with a
high slew rate and drive capability make this an ideal amplifier for
audio applications.
Low Voltage, Single Supply Operation
(+1.8 V and Ground to +12 V and Ground)
Input Voltage Range Includes both Supply Rails
Output Voltage Swings within 50 mV of both Rails
No Phase Reversal on the Output for Over−driven Input Signals
High Output Current (I
SC = 80 mA, Typ)
Low Supply Current (I
D = 0.9 mA, Typ)
600 W Output Drive Capability
Extended Operating Temperature Ranges
(−40
° to +105°C and −55° to +125°C)
Typical Gain Bandwidth Product = 2.2 MHz
Pb−Free Packages are Available
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
PDIP−8
P, VP SUFFIX
CASE 626
8
1
SOIC−8
D, VD SUFFIX
CASE 751
8
1
PDIP−14
P, VP SUFFIX
CASE 646
14
1
SOIC−14
D, VD SUFFIX
CASE 751A
14
1
TSSOP−14
DTB SUFFIX
CASE 948G
14
1
Micro8
]
DM SUFFIX
CASE 846A
8
1
See general marking information in the device marking
section on page 11 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com


Similar Part No. - MC33202VD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33202VD ONSEMI-MC33202VD Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33202VDG ONSEMI-MC33202VDG Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33202VDG ONSEMI-MC33202VDG Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33202VDG ONSEMI-MC33202VDG Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
MC33202VDR2 ONSEMI-MC33202VDR2 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
More results

Similar Description - MC33202VD

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
G1564 GMT-G1564 Datasheet
416Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA37EZ TI-OPA37EZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
Global Mixed-mode Techn...
G1563 GMT-G1563 Datasheet
651Kb / 1P
   Dual Rail-to-Rail Operational Amplifiers
G1584 GMT-G1584 Datasheet
711Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com