Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1243 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X1243
Description  Real Time Clock/Calendar/Alarm with EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1243 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X1243 Datasheet HTML 6Page - Intersil Corporation X1243 Datasheet HTML 7Page - Intersil Corporation X1243 Datasheet HTML 8Page - Intersil Corporation X1243 Datasheet HTML 9Page - Intersil Corporation X1243 Datasheet HTML 10Page - Intersil Corporation X1243 Datasheet HTML 11Page - Intersil Corporation X1243 Datasheet HTML 12Page - Intersil Corporation X1243 Datasheet HTML 13Page - Intersil Corporation X1243 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN8249.0
April 28, 2005
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read operation,
the master must either issue a stop condi-tion during the
ninth cycle or hold SDA HIGH during the ninth clock cycle
and then issue a stop condition.
Random Read
Random read operation allows the master to access any
memory location in the array. Prior to issuing the Slave
Address Byte with the R/W bit set to one, the master must rst
perform a “dummy” write operation.
The master issues the start condition and the Slave Address
Byte, receives an acknowledge, then issues the Word
Address Bytes. After acknowledging receipts of the Word
Address Bytes, the master immediately issues another start
condition and the Slave Address Byte with the R/W bit set to
one. This is followed by an acknowledge from the device and
then by the eight bit word. The master terminates the read
operation by not responding with an acknowledge and then
issuing a stop condition. Refer to Figure 11 for the address,
acknowledge, and data transfer sequence.
In a similar operation, called “Set Current Address,” the
device sets the address if a stop is issued instead of the
second start shown in Figure 11. The X1243 then goes into
standby mode after the stop and all bus activity will be
ignored until a start is detected. This operation loads the new
address into the address counter. The next Cur-rent Address
Read operation will read from the newly loaded address.
This operation could be useful if the master knows the next
address it needs to read, but is not ready for the data.
Sequential Read
Sequential reads can be initiated as either a current address
read or random address read. The rst Data Byte is
transmitted as with the other modes; however, the master
now responds with an acknowledge, indicat-ing it requires
additional data. The device continues to output data for each
acknowledge received. The master terminates the read
operation by not responding with an acknowledge and then
issuing a stop condition.
The data output is sequential, with the data from address n
followed by the data from address n + 1. The address
counter for read operations increments through all page and
column addresses, allowing the entire memory contents to
be serially read during one operation. At the end of the
address space the counter “rolls over” to the start of the
address space and the device continues to output data for
each acknowledge received. Refer to Figure 12 for the
acknowledge and data transfer sequence.
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
1
1
1
1
FIGURE 10. CURRENT ADDRESS READ SEQUENCE
1
Slave
Address
Word
Address 1
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
S
t
a
r
t
SDA Bus
Signals from
the Slave
Signals from
the Master
Word
Address 0
1
1
1
1
0 0 0 00
1
1 11 1
A
C
K
A
C
K
A
C
K
FIGURE 11. RANDOM ADDRESS READ
X1243


Similar Part No. - X1243

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Renesas Technology Corp
X1243 RENESAS-X1243 Datasheet
713Kb / 17P
   16K (2K x 8), 2-Wire RTC Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Texas Instruments
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 48P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 49P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
946Kb / 58P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
More results

Similar Description - X1243

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com