Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33202VDR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33202VDR2
Description  Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33202VDR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC33202VDR2 Datasheet HTML 1Page - ON Semiconductor MC33202VDR2 Datasheet HTML 2Page - ON Semiconductor MC33202VDR2 Datasheet HTML 3Page - ON Semiconductor MC33202VDR2 Datasheet HTML 4Page - ON Semiconductor MC33202VDR2 Datasheet HTML 5Page - ON Semiconductor MC33202VDR2 Datasheet HTML 6Page - ON Semiconductor MC33202VDR2 Datasheet HTML 7Page - ON Semiconductor MC33202VDR2 Datasheet HTML 8Page - ON Semiconductor MC33202VDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC33201, MC33202, MC33204, NCV33202, NCV33204
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (cont.) (VCC = + 5.0 V, VEE = Ground, TA = 25°C, unless otherwise noted.)
Characteristic
Figure
Symbol
Min
Typ
Max
Unit
Large Signal Voltage Gain (VCC = + 5.0 V, VEE = − 5.0 V)
RL = 10 kW
RL = 600 W
7
AVOL
50
25
300
250
kV/V
Output Voltage Swing (VID = ± 0.2 V)
RL = 10 kW
RL = 10 kW
RL = 600 W
RL = 600 W
8, 9, 10
VOH
VOL
VOH
VOL
4.85
4.75
4.95
0.05
4.85
0.15
0.15
0.25
V
Common Mode Rejection (Vin = 0 V to 5.0 V)
11
CMR
60
90
dB
Power Supply Rejection Ratio
VCC/VEE = 5.0 V/GND to 3.0 V/GND
12
PSRR
500
25
mV/V
Output Short Circuit Current (Source and Sink)
13, 14
ISC
50
80
mA
Power Supply Current per Amplifier (VO = 0 V)
TA = − 40° to +105°C
TA = − 55° to +125°C
15
ID
0.9
0.9
1.125
1.125
mA
AC ELECTRICAL CHARACTERISTICS (VCC = + 5.0 V, VEE = Ground, TA = 25°C, unless otherwise noted.)
Characteristic
Figure
Symbol
Min
Typ
Max
Unit
Slew Rate
(VS = ± 2.5 V, VO = − 2.0 V to + 2.0 V, RL = 2.0 kW, AV = +1.0)
16, 26
SR
0.5
1.0
V/
ms
Gain Bandwidth Product (f = 100 kHz)
17
GBW
2.2
MHz
Gain Margin (RL = 600 W, CL = 0 pF)
20, 21, 22
AM
12
dB
Phase Margin (RL = 600 W, CL = 0 pF)
20, 21, 22
OM
65
Deg
Channel Separation (f = 1.0 Hz to 20 kHz, AV = 100)
23
CS
90
dB
Power Bandwidth (VO = 4.0 Vpp, RL = 600 W, THD ≤ 1 %)
BWP
28
kHz
Total Harmonic Distortion (RL = 600 W, VO = 1.0 Vpp, AV = 1.0)
f = 1.0 kHz
f = 10 kHz
24
THD
0.002
0.008
%
Open Loop Output Impedance
(VO = 0 V, f = 2.0 MHz, AV = 10)
ZO
100
W
Differential Input Resistance (VCM = 0 V)
Rin
200
k
W
Differential Input Capacitance (VCM = 0 V)
Cin
8.0
pF
Equivalent Input Noise Voltage (RS = 100 W)
f = 10 Hz
f = 1.0 kHz
25
en
25
20
Hz
nV/
Equivalent Input Noise Current
f = 10 Hz
f = 1.0 kHz
25
in
0.8
0.2
pA/
Hz


Similar Part No. - MC33202VDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33202VDR2 ONSEMI-MC33202VDR2 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33202VDR2G ONSEMI-MC33202VDR2G Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33202VDR2G ONSEMI-MC33202VDR2G Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33202VDR2G ONSEMI-MC33202VDR2G Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
More results

Similar Description - MC33202VDR2

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
G1564 GMT-G1564 Datasheet
416Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA37EZ TI-OPA37EZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
Global Mixed-mode Techn...
G1563 GMT-G1563 Datasheet
651Kb / 1P
   Dual Rail-to-Rail Operational Amplifiers
G1584 GMT-G1584 Datasheet
711Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com