Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33275D-3.0R2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33275D-3.0R2
Description  LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275D-3.0R2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33275D-3.0R2 Datasheet HTML 2Page - ON Semiconductor MC33275D-3.0R2 Datasheet HTML 3Page - ON Semiconductor MC33275D-3.0R2 Datasheet HTML 4Page - ON Semiconductor MC33275D-3.0R2 Datasheet HTML 5Page - ON Semiconductor MC33275D-3.0R2 Datasheet HTML 6Page - ON Semiconductor MC33275D-3.0R2 Datasheet HTML 7Page - ON Semiconductor MC33275D-3.0R2 Datasheet HTML 8Page - ON Semiconductor MC33275D-3.0R2 Datasheet HTML 9Page - ON Semiconductor MC33275D-3.0R2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC33275
http://onsemi.com
6
Figure 11. Output Voltage versus Ambient
Temperature (Vin = 12 V)
Figure 12. Ripple Rejection
Figure 13. Ripple Rejection
–40
2.5
TEMPERATURE (
°C)
2.49
2.485
2.48
2.475
2.47
025
85
IO = 0
IO = 250 mA
2.495
2.465
0.1
70
FREQUENCY (kHz)
60
50
40
30
20
10
0
1
10
100
IL = 100 mA
IL = 250 mA
0.1
70
FREQUENCY (kHz)
60
50
40
30
20
10
0
1
10
100
IL = 10 mA
IL = 1 mA


Similar Part No. - MC33275D-3.0R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275D-3.0R2 ONSEMI-MC33275D-3.0R2 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
MC33275D-3.0R2G ONSEMI-MC33275D-3.0R2G Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
MC33275D-3.0R2G ONSEMI-MC33275D-3.0R2G Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
More results

Similar Description - MC33275D-3.0R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
International Rectifier
IRU1502-33 IRF-IRU1502-33 Datasheet
125Kb / 11P
   MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com