Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010RI-20C7168 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X28C010RI-20C7168
Description  5 Volt, Byte Alterable EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010RI-20C7168 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X28C010RI-20C7168 Datasheet HTML 5Page - Intersil Corporation X28C010RI-20C7168 Datasheet HTML 6Page - Intersil Corporation X28C010RI-20C7168 Datasheet HTML 7Page - Intersil Corporation X28C010RI-20C7168 Datasheet HTML 8Page - Intersil Corporation X28C010RI-20C7168 Datasheet HTML 9Page - Intersil Corporation X28C010RI-20C7168 Datasheet HTML 10Page - Intersil Corporation X28C010RI-20C7168 Datasheet HTML 11Page - Intersil Corporation X28C010RI-20C7168 Datasheet HTML 12Page - Intersil Corporation X28C010RI-20C7168 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
FN8105.0
May 11, 2005
Active Supply Current vs. Ambient Temperature
Standby Supply Current vs. Ambient Temperature
ICC (RD) by Temperature Over Frequency
-55
-10
+125
12
14
16
18
Ambient Temperature (°C)
10
+35
+80
VCC = 5V
-55
-10
+125
0.15
0.2
0.25
0.3
Ambient Temperature (°C)
0.05
+35
+80
VCC = 5V
0.1
03
15
30
40
50
5.0 VCC
Frequency (MHz)
10
69
-55°C
+25°C
12
20
60
+125°C
X28C010


Similar Part No. - X28C010RI-20C7168

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010RI-20 XICOR-X28C010RI-20 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010RI-20 INTERSIL-X28C010RI-20 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C010RI-20 INTERSIL-X28C010RI-20 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010RI-20 RENESAS-X28C010RI-20 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Intersil Corporation
X28C010RI-20T1 INTERSIL-X28C010RI-20T1 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C010RI-20C7168

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com