Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC64PM-90 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X28HC64PM-90
Description  5 Volt, Byte Alterable EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64PM-90 Datasheet(HTML) 1 Page - Intersil Corporation

  X28HC64PM-90 Datasheet HTML 1Page - Intersil Corporation X28HC64PM-90 Datasheet HTML 2Page - Intersil Corporation X28HC64PM-90 Datasheet HTML 3Page - Intersil Corporation X28HC64PM-90 Datasheet HTML 4Page - Intersil Corporation X28HC64PM-90 Datasheet HTML 5Page - Intersil Corporation X28HC64PM-90 Datasheet HTML 6Page - Intersil Corporation X28HC64PM-90 Datasheet HTML 7Page - Intersil Corporation X28HC64PM-90 Datasheet HTML 8Page - Intersil Corporation X28HC64PM-90 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN8109.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X28HC64
64K, 8K x 8 Bit
5 Volt, Byte Alterable EEPROM
FEATURES
• 70ns access time
• Simple byte and page write
—Single 5V supply
—No external high voltages or VPP control circuits
—Self-timed
—No erase before write
—No complex programming algorithms
—No overerase problem
• Low power CMOS
—40mA active current max.
—200µA standby current max.
• Fast write cycle times
—64-byte page write operation
—Byte or page write cycle: 2ms typical
—Complete memory rewrite: 0.25 sec. typical
—Effective byte write cycle time: 32µs typical
• Software data protection
• End of write detection
—DATA polling
—Toggle bit
• High reliability
—Endurance: 1 million cycles
—Data retention: 100 years
• JEDEC approved byte-wide pin out
DESCRIPTION
The X28HC64 is an 8K x 8 EEPROM, fabricated with
Intersil’s proprietary, high performance, floating gate
CMOS technology. Like all Intersil programmable non-
volatile memories, the X28HC64 is a 5V only device. It
features the JEDEC approved pinto for byte-wide mem-
ories, compatible with industry standard RAMs.
The X28HC64 supports a 64-byte page write operation,
effectively providing a 32µs/byte write cycle, and
enabling the entire memory to be typically written in 0.25
seconds. The X28HC64 also features DATA Polling and
Toggle Bit Polling, two methods providing early end of
write detection. In addition, the X28HC64 includes a
user-optional software data protection mode that further
enhances Intersil’s hardware write protect capability.
Intersil EEPROMs are designed and tested for appli-
cations requiring extended endurance. Inherent data
retention is greater than 100 years.
PIN CONFIGURATIONS
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
NC
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
X28HC64
Plastic DIP
Flat Pack
CERDIP
SOIC
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
4
3
2
1 32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
LCC
PLCC
(Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A 3
A 4
A 5
A 6
A 7
A 12
NC
VCC
NC
WE
A 8
A 9
A11
OE
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A 2
A 1
A 0
I/O 0
I/O 1
I/O 2
NC
VSS
NC
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
CE
A10
X28HC64
X28HC64
11
I/O0
10
A0
14
VSS
9
A1
8
A2
7
A3
6
A4
5
A5
2
A12
28
VCC
12
I/O1
13
I/O2
15
I/O3
4
A6
3
A7
1
16
I/O4
20
CE
22
OE
24
A9
17
I/O5
27
WE
19
I/O7
21
A10
23
A11
25
A8
18
I/O6
26
NC
(BOTTOM
VIEW)
PGA
NC
X28HC64
TSOP
NC
NC
Bottom View
Data Sheet
June 1, 2005


Similar Part No. - X28HC64PM-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64PM-90 XICOR-X28HC64PM-90 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28HC64PM-90

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com