Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33275DT-3.3RK Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33275DT-3.3RK
Description  LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275DT-3.3RK Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33275DT-3.3RK Datasheet HTML 3Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 4Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 5Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 6Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 7Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 8Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 9Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 10Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC33275
http://onsemi.com
7
APPLICATIONS INFORMATION
LOAD
Cout
Vout
Vin
Cin
GND
MC33275–XX
Figure 14. Typical Application Circuit
The MC33275 regulators are designed with internal
current limiting and thermal shutdown making them
user–friendly. Figure 14 is a typical application circuit. The
output capability of the regulator is in excess of 300 mA,
with a typical dropout voltage of less than 260 mV. Internal
protective features include current and thermal limiting.
EXTERNAL CAPACITORS
These regulators require only a 0.33
mF (or greater)
capacitance between the output and ground for stability for
2.5 V, 3.0 V, and 3.3 V output voltage options. Output
voltage options of 5.0 V require only 0.22
mF for stability.
The output capacitor must be mounted as close as possible
to the MC33275. If the output capacitor must be mounted
further than two centimeters away from the MC33275, then
a larger value of output capacitor may be required for
stability. A value of 0.68
mF or larger is recommended. Most
type of aluminum, tantalum, or multilayer ceramic will
perform adequately. Solid tantalums or appropriate
multilayer ceramic capacitors are recommended for
operation below 25
°C. An input bypass capacitor is
recommended to improve transient response or if the
regulator is connected to the supply input filter with long
wire lengths, more than 4 inches. This will reduce the
circuit’s sensitivity to the input line impedance at high
frequencies. A 0.33
mF or larger tantalum, mylar, ceramic,
or other capacitor having low internal impedance at high
frequencies should be chosen. The bypass capacitor should
be mounted with shortest possible lead or track length
directly across the regulator’s input terminals. Figure 15
shows the ESR that allows the LDO to remain stable for
various load currents.
0
100
LOAD CURRENT (mA)
100
200
300
10
1.0
0.1
Figure 15. ESR for Vout = 3.0V
Vout = 3.0 V
Cout = 1.0 mF
Cin = 1.0 mF
50
150
250
Stable Region
Applications should be tested over all operating
conditions to insure stability.
THERMAL PROTECTION
Internal thermal limiting circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated, typically at
150
°C, the output is disabled. There is no hysteresis built
into the thermal protection. As a result the output will appear
to be oscillating during thermal limit. The output will turn
off until the temperature drops below the 150
°C then the
output turns on again. The process will repeat if the junction
increases above the threshold. This will continue until the
existing conditions allow the junction to operate below the
temperature threshold.
Thermal limit is not a substitute for proper
heatsinking.
The internal current limit will typically limit current to
450 mA. If during current limit the junction exceeds 150
°C,
the thermal protection will protect the device also. Current
limit is not a substitute for proper heatsinking.
OUTPUT NOISE
In many applications it is desirable to reduce the noise
present at the output. Reducing the regulator bandwidth by
increasing the size of the output capacitor will reduce the
noise on the MC33275.


Similar Part No. - MC33275DT-3.3RK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275DT-3.3RK ONSEMI-MC33275DT-3.3RK Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
MC33275DT-3.3RKG ONSEMI-MC33275DT-3.3RKG Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
More results

Similar Description - MC33275DT-3.3RK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
International Rectifier
IRU1502-33 IRF-IRU1502-33 Datasheet
125Kb / 11P
   MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com