Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33275DT-3.3RK Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33275DT-3.3RK
Description  LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275DT-3.3RK Datasheet(HTML) 1 Page - ON Semiconductor

  MC33275DT-3.3RK Datasheet HTML 1Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 2Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 3Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 4Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 5Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 6Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 7Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 8Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 4
1
Publication Order Number:
MC33275/D
MC33275
Low Dropout 300 mA
Voltage Regulator
The MC33275 series are micropower low dropout voltage
regulators available in a wide variety of output voltages as well as
packages, DPAK, SOT–223, and SOP–8 surface mount packages.
These devices feature a very low quiescent current and are capable of
supplying output currents up to 300 mA. Internal current and thermal
limiting protection are provided by the presence of a short circuit at the
output and an internal thermal shutdown circuit.
The MC33275 is available as a MC33375 which includes an On/Off
control.
Due to the low input–to–output voltage differential and bias current
specifications, these devices are ideally suited for battery powered
computer, consumer, and industrial equipment where an extension of
useful battery life is desirable.
Features:
Low Quiescent Current (125 mA)
Low Input–to–Output Voltage Differential of 25 mV at I
O = 10 mA,
and 260 mV at IO = 300 mA
Extremely Tight Line and Load Regulation
Stable with Output Capacitance of only 0.33 mF for 2.5 V Output
Voltage
Internal Current and Thermal Limiting
Simplified Block Diagram
Vin
Thermal &
Anti–sat
Protection
54 K
Rint
This device contains 41 active transistors
1.23 V
V. Ref.
Vout
Gnd
LOW DROPOUT
MICROPOWER VOLTAGE
REGULATOR
ORDERING INFORMATION
PLASTIC
D SUFFIX
CASE 751
http://onsemi.com
PLASTIC
ST SUFFIX
CASE 318E
1
3
4
8
1
1
3
4
PLASTIC
DT SUFFIX
CASE 369A
Gnd
Vin
Vout
4
12
3
MC33375
Gnd
Input
Gnd
Gnd
Gnd
Output
Gnd
Gnd
N/C
1
2
3
4
8
7
6
5
MC33375
Pins 4 and 5 Not Connected
Gnd
Vin
Vout
4
12
3
MC33275
Gnd
See detailed ordering and shipping information in the
package dimensions section on page 9 of this data sheet.


Similar Part No. - MC33275DT-3.3RK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275DT-3.3RK ONSEMI-MC33275DT-3.3RK Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
MC33275DT-3.3RKG ONSEMI-MC33275DT-3.3RKG Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
More results

Similar Description - MC33275DT-3.3RK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
International Rectifier
IRU1502-33 IRF-IRU1502-33 Datasheet
125Kb / 11P
   MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com