Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33275DT-3.3RK Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33275DT-3.3RK
Description  LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275DT-3.3RK Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33275DT-3.3RK Datasheet HTML 4Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 5Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 6Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 7Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 8Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 9Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 10Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 11Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC33275
http://onsemi.com
10
PACKAGE DIMENSIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751–06
(SOP–8)
ISSUE T
ST SUFFIX
PLASTIC PACKAGE
CASE 318E–04
(SOT–223)
ISSUE J
H
S
F
A
B
D
G
L
4
12
3
0.08 (0003)
C
M
K
J
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.249
0.263
6.30
6.70
INCHES
B
0.130
0.145
3.30
3.70
C
0.060
0.068
1.50
1.75
D
0.024
0.035
0.60
0.89
F
0.115
0.126
2.90
3.20
G
0.087
0.094
2.20
2.40
H
0.0008
0.0040
0.020
0.100
J
0.009
0.014
0.24
0.35
K
0.060
0.078
1.50
2.00
L
0.033
0.041
0.85
1.05
M
0
10
0
10
S
0.264
0.287
6.70
7.30
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: INCH.
__
_
_
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10


Similar Part No. - MC33275DT-3.3RK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275DT-3.3RK ONSEMI-MC33275DT-3.3RK Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
MC33275DT-3.3RKG ONSEMI-MC33275DT-3.3RKG Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
More results

Similar Description - MC33275DT-3.3RK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
International Rectifier
IRU1502-33 IRF-IRU1502-33 Datasheet
125Kb / 11P
   MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com