Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33362 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33362
Description  HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33362 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33362 Datasheet HTML 2Page - ON Semiconductor MC33362 Datasheet HTML 3Page - ON Semiconductor MC33362 Datasheet HTML 4Page - ON Semiconductor MC33362 Datasheet HTML 5Page - ON Semiconductor MC33362 Datasheet HTML 6Page - ON Semiconductor MC33362 Datasheet HTML 7Page - ON Semiconductor MC33362 Datasheet HTML 8Page - ON Semiconductor MC33362 Datasheet HTML 9Page - ON Semiconductor MC33362 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC33362
6
MOTOROLA ANALOG IC DEVICE DATA
0
100
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
R
θJA
90
70
60
80
50
10
20
30
40
50
2.8
2.4
1.6
1.2
2.0
0.8
0.4
0
40
30
0
0
Graphs represent symmetrical layout
3.0 mm
Printed circuit board heatsink example
L
L
100
80
60
40
20
10
20
30
40
50
L, LENGTH OF COPPER (mm)
5.0
4.0
3.0
2.0
1.0
0
PD(max) for TA = 70°C
2.0 oz
Copper
R
θJA
Graphs represent symmetrical layout
3.0 mm
L
L
2.0 oz
Copper
Printed circuit board heatsink example
Figure 15. DW Suffix (SOP–16L) Thermal Resistance and
Maximum Power Dissipation versus P.C.B. Copper Length
Figure 16. P Suffix (DIP–16) Thermal Resistance and
Maximum Power Dissipation versus P.C.B. Copper Length
PIN FUNCTION DESCRIPTION
Pin
Function
Description
1
Startup Input
This pin connects directly to the rectified ac line voltage source. Internally Pin 1 is tied to the drain
of a high voltage startup MOSFET. During startup, the MOSFET supplies internal bias, and charges
an external capacitor that connects from the VCC pin to ground.
2
This pin has been omitted for increased spacing between the rectified AC line voltage on Pin 1 and
the VCC potential on Pin 3.
3
VCC
This is the positive supply voltage input. During startup, power is supplied to this input from Pin 1.
When VCC reaches the UVLO upper threshold, the startup MOSFET turns off and power is supplied
from an auxiliary transformer winding.
4, 5, 12, 13
Ground
These pins are the control circuit grounds. They are part of the IC lead frame and provide a thermal
path from the die to the printed circuit board.
6
RT
Resistor RT connects from this pin to ground. The value selected will program the Current Limit
Comparator threshold and affect the Oscillator frequency.
7
CT
Capacitor CT connects from this pin to ground. The value selected, in conjunction with resistor RT,
programs the Oscillator frequency.
8
Regulator Output
This 6.5 V output is available for biasing external circuitry. It requires an external bypass capacitor
of at least 1.0
µF for stability.
9
Compensation
This pin is the Error Amplifier output and is made available for loop compensation. It can be used as
an input to directly control the PWM Comparator.
10
Voltage Feedback
Input
This is the inverting input of the Error Amplifier. It has a 2.6 V threshold and normally connects
through a resistor divider to the converter output, or to a voltage that represents the converter
output.
11
Overvoltage
Protection Input
This input provides runaway output voltage protection due to an external component or connection
failure in the control loop feedback signal path. It has a 2.6 V threshold and normally connects
through a resistor divider to the converter output, or to a voltage that represents the converter
output.
14, 15
These pins have been omitted for increased spacing between the high voltages present on the
Power Switch Drain, and the ground potential on Pins 12 and 13.
16
Power Switch
Drain
This pin is designed to directly drive the converter transformer and is capable of switching a
maximum of 500 V and 2.0 A.


Similar Part No. - MC33362

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33362 ONSEMI-MC33362 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33362DW ONSEMI-MC33362DW Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33362DWG ONSEMI-MC33362DWG Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33362DWR2 ONSEMI-MC33362DWR2 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33362DWR2G ONSEMI-MC33362DWR2G Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
More results

Similar Description - MC33362

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33363B ONSEMI-MC33363B Datasheet
250Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
MC33363 ONSEMI-MC33363 Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
REV 3
MC33365 ONSEMI-MC33365 Datasheet
233Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
Monolithic Power System...
HF01B00 MPS-HF01B00 Datasheet
902Kb / 16P
   Off Line High Voltage Quasi Resonant Regulator
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com