Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1227S8Z-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X1227S8Z-2.7
Description  2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1227S8Z-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X1227S8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X1227S8Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN8099.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
*I2C is a Trademark of Philips. All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
X1227
2-WireRTC Real TimeClock/Calendar/
CPU Supervisor with EEPROM
FEATURES
• Real Time Clock/Calendar
— Tracks time in Hours, Minutes, and Seconds
— Day of the Week, Day, Month, and Year
• 2 Polled Alarms (Non-volatile)
— Settable on the Second, Minute, Hour, Day of the
Week, Day, or Month
— Repeat Mode (periodic interrupts)
• Oscillator Compensation on chip
— Internal feedback resistor and compensation
capacitors
— 64 position Digitally Controlled Trim Capacitor
— 6 digital frequency adjustment settings to ±30ppm
• CPU Supervisor Functions
— Power-on Reset, Low Voltage Sense
— Watchdog Timer (SW Selectable: 0.25s, 0.75s,
1.75s, off)
• Battery Switch or Super Cap Input
• 512 x 8 Bits of EEPROM
— 64-Byte Page Write Mode
— 8 modes of Block Lock™ Protection
— Single Byte Write Capability
• High Reliability
— Data Retention: 100 years
— Endurance: 100,000 cycles per byte
• 2-Wire™ Interface interoperable with I2C*
— 400kHz data transfer rate
• Low Power CMOS
— 1.25µA Operating Current (Typical)
• Small Package Options
— 8-Lead SOIC and 8-Lead TSSOP
• Repetitive Alarms
• Temperature Compensation
• Pb-Free Plus Anneal Available (RoHS Compliant)
APPLICATIONS
• Utility Meters
• HVAC Equipment
• Audio / Video Components
• Set Top Box / Television
•Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers / PDA
• POS Equipment
• Test Meters / Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial / Medical / Automotive
DESCRIPTION
The X1227 device is a Real Time Clock with
clock/calendar, two polled alarms with integrated 512x8
EEPROM, oscillator compensation, CPU Supervisor
(POR/LVS and WDT) and battery backup switch.
The oscillator uses an external, low-cost 32.768kHz
crystal. All compensation and trim components are
integrated on the chip. This eliminates several external
discrete components and a trim capacitor, saving
board area and component cost.
BLOCK DIAGRAM
X1
X2
Oscillator
Frequency
Timer
Logic
Divider
Calendar
8
Control/
Registers
1Hz
Time
Keeping
Registers
Alarm Regs
Compare
RESET
Control
Decode
Logic
Alarm
(EEPROM)
(EEPROM)
SCL
SDA
Serial
Interface
Decoder
4K
EEPROM
ARRAY
Watchdog
Timer
Low Voltage
Reset
Registers
Status
(SRAM)
VCC
VBACK
32.768kHz
(SRAM)
Battery
Circuitry
Switch
OSC
Compensation
Data Sheet
September 15, 2005


Similar Part No. - X1227S8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1227S8Z-2.7 INTERSIL-X1227S8Z-2.7 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8Z-2.7 RENESAS-X1227S8Z-2.7 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8Z-2.7A INTERSIL-X1227S8Z-2.7A Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8Z-2.7A RENESAS-X1227S8Z-2.7A Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1227S8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com