Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1227S8I-2.7T1 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X1227S8I-2.7T1
Description  2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1227S8I-2.7T1 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X1227S8I-2.7T1 Datasheet HTML 4Page - Intersil Corporation X1227S8I-2.7T1 Datasheet HTML 5Page - Intersil Corporation X1227S8I-2.7T1 Datasheet HTML 6Page - Intersil Corporation X1227S8I-2.7T1 Datasheet HTML 7Page - Intersil Corporation X1227S8I-2.7T1 Datasheet HTML 8Page - Intersil Corporation X1227S8I-2.7T1 Datasheet HTML 9Page - Intersil Corporation X1227S8I-2.7T1 Datasheet HTML 10Page - Intersil Corporation X1227S8I-2.7T1 Datasheet HTML 11Page - Intersil Corporation X1227S8I-2.7T1 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
FN8099.1
September 15, 2005
VTRIP Programming Timing Diagram
VTRIP Programming Parameters
01 2 3 4 5 6 7
0 1 2 345 67
0 1 2 3 45 6 7
0 1 2 3 4 5 67
VCC
(VTRIP)
tVPH
tVPS
tVPO
tRP
SCL
SDA
AEh
03h/01h
RESET
VP = 15V
00h
00h
VCC
VCC
tTSU
tTHD
VTRIP
Parameter
Description
Min.
Max.
Units
tVPS
VTRIP Program Enable Voltage Setup time
1
µs
tVPH
VTRIP Program Enable Voltage Hold time
1
µs
tTSU
VTRIP Setup time
1
µs
tTHD
VTRIP Hold (stable) time
10
ms
tVPO
VTRIP Program Enable Voltage Off time
(Between successive adjustments)
0µs
tRP
VTRIP Program Recovery Period
(Between successive adjustments)
10
ms
VP
Programming Voltage
14
16
V
VTRAN
VTRIP Programmed Voltage Range
1.7
5.0
V
Vtv
VTRIP Program variation after programming
(Programmed at 25°C)
-25
+25
mV
VTRIP programming parameters are not 100% Tested.
X1227


Similar Part No. - X1227S8I-2.7T1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1227S8I-2.7 XICOR-X1227S8I-2.7 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8I-2.7 INTERSIL-X1227S8I-2.7 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8I-2.7 RENESAS-X1227S8I-2.7 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227S8I-2.7A XICOR-X1227S8I-2.7A Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8I-2.7A INTERSIL-X1227S8I-2.7A Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
More results

Similar Description - X1227S8I-2.7T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com