Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4283V8 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X4283V8
Description  CPU Supervisor with 128K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4283V8 Datasheet(HTML) 5 Page - Intersil Corporation

  X4283V8 Datasheet HTML 1Page - Intersil Corporation X4283V8 Datasheet HTML 2Page - Intersil Corporation X4283V8 Datasheet HTML 3Page - Intersil Corporation X4283V8 Datasheet HTML 4Page - Intersil Corporation X4283V8 Datasheet HTML 5Page - Intersil Corporation X4283V8 Datasheet HTML 6Page - Intersil Corporation X4283V8 Datasheet HTML 7Page - Intersil Corporation X4283V8 Datasheet HTML 8Page - Intersil Corporation X4283V8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN8121.0
March 29, 2005
Figure 4. VTRIP Programming Sequence
Control Register
The Control Register provides the user a mechanism
for changing the Block Lock and Watchdog Timer set-
tings. The Block Lock and Watchdog Timer bits are
nonvolatile and do not change when power is
removed.
The Control Register is accessed at address FFFFh. It
can only be modified by performing a byte write opera-
tion directly to the address of the register and only one
data byte is allowed for each register write operation.
Prior to writing to the Control Register, the WEL and
RWEL bits must be set using a two step process, with
the whole sequence requiring 3 steps. See "Writing to
the Control Register" below.
The user must issue a stop after sending this byte to
the register to initiate the nonvolatile cycle that stores
WD1, WD0, BP2, BP1, and BP0. The X4283/85 will
not acknowledge any data bytes written after the first
byte is entered.
VTRIP Programming
Apply 5V to VCC
Decrement VCC
RESET pin
goes active?
Measured VTRIP -
Desired VTRIP
DONE
Execute
Sequence
Reset VTRIP
Set VCC = VCC Applied =
Desired VTRIP
Execute
Sequence
Set VTRIP
New VCC Applied =
Old VCC Applied + Error
(VCC = VCC - 50mV)
Execute
Sequence
Reset VTRIP
New VCC Applied =
Old VCC Applied - Error
Error
≤ –Emax
–Emax < Error < Emax
YES
NO
Error
≥ Emax
Emax = Maximum Allowed VTRIP Error
X4283, X4285


Similar Part No. - X4283V8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4283V8 XICOR-X4283V8 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4283V8 INTERSIL-X4283V8 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4283V8 RENESAS-X4283V8 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Xicor Inc.
X4283V8-2.7 XICOR-X4283V8-2.7 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4283V8-2.7 INTERSIL-X4283V8-2.7 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
More results

Similar Description - X4283V8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Xicor Inc.
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com