Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33363 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33363
Description  HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33363 Datasheet HTML 1Page - ON Semiconductor MC33363 Datasheet HTML 2Page - ON Semiconductor MC33363 Datasheet HTML 3Page - ON Semiconductor MC33363 Datasheet HTML 4Page - ON Semiconductor MC33363 Datasheet HTML 5Page - ON Semiconductor MC33363 Datasheet HTML 6Page - ON Semiconductor MC33363 Datasheet HTML 7Page - ON Semiconductor MC33363 Datasheet HTML 8Page - ON Semiconductor MC33363 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Device
Operating
Temperature Range
Package
MC33363
SEMICONDUCTOR
TECHNICAL DATA
HIGH VOLTAGE
OFF–LINE
SWITCHING REGULATOR
ORDERING INFORMATION
MC33363DW
TJ = –25° to +125°C
SOP–16L
P SUFFIX
PLASTIC PACKAGE
CASE 648E
(DIP–16)
16
1
116
13
12
11
10
9
3
4
5
6
7
8
(Top View)
Startup Input
VCC
Gnd
RT
CT
Regulator Output
Power Switch
Drain
Gnd
Compensation
PIN CONNECTIONS
Order this document by MC33363/D
Overvoltage
Protection Input
Voltage Feedback
Input
DW SUFFIX
PLASTIC PACKAGE
CASE 751N
(SOP–16L)
16
1
MC33363P
DIP–16
1
MOTOROLA ANALOG IC DEVICE DATA
High Voltage Switching
Regulator
The MC33363 is a monolithic high voltage switching regulator that is
specifically designed to operate from a rectified 240 Vac line source. This
integrated circuit features an on–chip 700 V/1.0 A SenseFET power switch,
450 V active off–line startup FET, duty cycle controlled oscillator, current
limiting comparator with a programmable threshold and leading edge
blanking, latching pulse width modulator for double pulse suppression, high
gain error amplifier, and a trimmed internal bandgap reference. Protective
features include cycle–by–cycle current limiting, input undervoltage lockout
with hysteresis, output overvoltage protection, and thermal shutdown. This
device is available in a 16–lead dual–in–line and wide body surface mount
packages.
On–Chip 700 V, 1.0 A SenseFET Power Switch
Rectified 240 Vac Line Source Operation
On–Chip 450 V Active Off–Line Startup FET
Latching PWM for Double Pulse Suppression
Cycle–By–Cycle Current Limiting
Input Undervoltage Lockout with Hysteresis
Output Overvoltage Protection Comparator
Trimmed Internal Bandgap Reference
Internal Thermal Shutdown
Simplified Application
This device contains 221 active transistors.
Startup
Reg
Osc
Thermal
LEB
PWM
DC Output
Startup Input
Gnd
4, 5, 12, 13
Mirror
7
AC Input
Regulator
Output
6
8
CT
RT
PWM Latch
EA
Ipk
VCC
3
11
16
9
10
1
Compensation
Voltage
Feedback
Input
Power Switch
Drain
Overvoltage
Protection
Input
Driver
OVP
UVLO
S
R
Q
© Motorola, Inc. 1998
Rev 3


Similar Part No. - MC33363

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363 ONSEMI-MC33363 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33363A ONSEMI-MC33363A Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363ADW ONSEMI-MC33363ADW Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33363ADW ONSEMI-MC33363ADW Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
More results

Similar Description - MC33363

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33362 ONSEMI-MC33362 Datasheet
390Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 3
MC33363B ONSEMI-MC33363B Datasheet
250Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
MC33365 ONSEMI-MC33365 Datasheet
233Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
Monolithic Power System...
HF01B00 MPS-HF01B00 Datasheet
902Kb / 16P
   Off Line High Voltage Quasi Resonant Regulator
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com