Electronic Components Datasheet Search |
|
X4005S8I-2.7A Datasheet(PDF) 9 Page - Intersil Corporation |
|
X4005S8I-2.7A Datasheet(HTML) 9 Page - Intersil Corporation |
9 / 17 page 9 FN8113.0 March 15, 2005 Serial Read Operations The read operation allows the master to access the control register. To conform to the I2C standard, prior to issu- ing the slave address byte with the R/W bit set to one, the master must first perform a “dummy” write opera- tion. The master issues the start condition and the slave address byte, receives an acknowledge, then issues the byte address. After acknowledging receipt of the byte address, the master immediately issues another start condition and the slave address byte with the R/W bit set to one. This is followed by an acknowl- edge from the device and then by the eight bit control register. The master terminates the read operation by not responding with an acknowledge and then issuing a stop condition. Refer to Figure 9 for the address, acknowledge, and data transfer sequences. Operational Notes The device powers-up in the following state: – The device is in the low power standby state. – The WEL bit is set to ‘0’. In this state it is not possi- ble to write to the device. – SDA pin is the input mode. RESET/RESET signal is active for tPURST. Figure 9. Control Register Read Sequence Data Protection The following circuitry has been included to prevent inadvertent writes: – The WEL bit must be set to allow a write operation. – The proper clock count and bit sequence is required prior to the stop bit in order to start a nonvolatile write cycle. – A three step sequence is required before writing into the control register to change watchdog timer or block lock settings. – The WP pin, when held HIGH, prevents all writes to the control register. – Communication to the device is inhibited below the VTRIP voltage. – Command to change the control register are termi- nated if in-progress when RESET/RESET go active. Symbol Table Slave Address Byte Address A C K A C K S t a r t S t o p Slave Address Data A C K S t a r t SDA Bus Signals from the Slave Signals from the Master 0 1 0 0 1 1 0 11 1 1 1 1 1 1 11 1 0 0 1 1 0 1 WAVEFORM INPUTS OUTPUTS Must be steady Will be steady May change from LOW to HIGH Will change from LOW to HIGH May change from HIGH to LOW Will change from HIGH to LOW Don’t Care: Changes Allowed Changing: State Not Known N/A Center Line is High Impedance X4003, X4005 |
Similar Part No. - X4005S8I-2.7A |
|
Similar Description - X4005S8I-2.7A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |