Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4165S8-2.7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # X4165S8-2.7A
Description  CPU Supervisor with 16K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4165S8-2.7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X4165S8-2.7A Datasheet HTML 5Page - Intersil Corporation X4165S8-2.7A Datasheet HTML 6Page - Intersil Corporation X4165S8-2.7A Datasheet HTML 7Page - Intersil Corporation X4165S8-2.7A Datasheet HTML 8Page - Intersil Corporation X4165S8-2.7A Datasheet HTML 9Page - Intersil Corporation X4165S8-2.7A Datasheet HTML 10Page - Intersil Corporation X4165S8-2.7A Datasheet HTML 11Page - Intersil Corporation X4165S8-2.7A Datasheet HTML 12Page - Intersil Corporation X4165S8-2.7A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN8120.0
April 13, 2005
Figure 8. Byte Write Sequence
Serial Write Operations
BYTE WRITE
For a write operation, the device requires the Slave
Address Byte and a Word Address Byte. This gives
the master access to any one of the words in the
array. After receipt of the Word Address Byte, the
device responds with an acknowledge, and awaits
the next eight bits of data. After receiving the 8 bits of
the Data Byte, the device again responds with an
acknowledge. The master then terminates the trans-
fer by generating a stop condition, at which time the
device begins the internal write cycle to the nonvola-
tile memory. During this internal write cycle, the
device inputs are disabled, so the device will not
respond to any requests from the master. The SDA
output is at high impedance. See Figure 8.
A write to a protected block of memory will suppress
the acknowledge bit.
Page Write
The device is capable of a page write operation. It is
initiated in the same manner as the byte write opera-
tion; but instead of terminating the write cycle after the
first data byte is transferred, the master can transmit
an unlimited number of 8-bit bytes. After the receipt of
each byte, the device will respond with an acknowl-
edge, and the address is internally incremented by
one. The page address remains constant. When the
counter reaches the end of the page, it “rolls over” and
goes back to ‘0’ on the same page. This means that
the master can write 64 bytes to the page starting at
any location on that page. If the master begins writing
at location 60, and loads 12-bytes, then the first 4-
bytes are written to locations 60 through 63, and the
last 8-bytes are written to locations 0 through 7. After-
wards, the address counter would point to location 8 of
the page that was just written. If the master supplies
more than 64-bytes of data, then new data over-writes
the previous data, one byte at a time.
Figure 9. Page Write Operation
S
t
a
r
t
S
t
o
p
Slave
Address
Word Address
Byte 0
Data
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
0
Word Address
Byte 1
A
C
K
0
1
0
1
S
t
a
r
t
S
t
o
p
Slave
Address
Word Address
Byte 1
Data
(n)
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
0
Data
(1)
A
C
K
(1 < n < 64)
Word Address
Byte 0
A
C
K
1
0
10
X4163, X4165


Similar Part No. - X4165S8-2.7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X4165S8-2.7A RENESAS-X4165S8-2.7A Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results

Similar Description - X4165S8-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com