Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP254FFM-02 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTP254FFM-02
Description  3 Phi 16x16 Multicolor Dot Matrix LED Displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTP254FFM-02 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTP254FFM-02 Datasheet HTML 1Page - Lite-On Technology Corporation LTP254FFM-02 Datasheet HTML 2Page - Lite-On Technology Corporation LTP254FFM-02 Datasheet HTML 3Page - Lite-On Technology Corporation LTP254FFM-02 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9-105
3
16
16 Multicolor Dot
Matrix LED Displays
LTP-254FFM-02 Series
Package Dimension
Features
2.52 inch (64.00mm) matrix height.
Low power requirement.
Excellent characters and appearance.
High contrast.
High brightness.
Wide viewing angle.
16
16 array with X-Y select.
Stackable vertically and horizontally.
Categorized for luminous intensity.
Description
The LTP-254FFM-02 is 2.52 inch (64.00mm) matrix height 16
16 dot matrix displays.
This display utilizes standard green & AlGaAs red LED chips.
The green LED chips are made from GaP on transparent GaP substrate. The AlGaAs red LED chips are made from
AlGaAs on a GaAs substrate. and it has black face and a diffusion film is added on it.
Part No.
16
16 Dot Matrix Anode
Row Cathode Column
LTP-254FFM-02
Description
Notes : All dimensions are in millimeters(Inchs.) tolerance is :
0.25mm(0.01")unless otherwise Noted.
Devices
Source Color
Green & AlGaAs Red


Similar Part No. - LTP254FFM-02

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTP251FFA LITEON-LTP251FFA Datasheet
939Kb / 5P
   2.5 16x16 MULTICOLOR DOT MATRIX DISPLAY
LTP2558AA LITEON-LTP2558AA Datasheet
986Kb / 8P
   2.3 inch 5 x 8 SINGLE COLOR & MULTICOLOR DOT MATRIX DISPLAYS
More results

Similar Description - LTP254FFM-02

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTP-251FFA LITEON-LTP-251FFA Datasheet
939Kb / 5P
   2.5 16x16 MULTICOLOR DOT MATRIX DISPLAY
logo
LightKey Optoelectronic...
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
logo
Lite-On Technology Corp...
LTP-2558AA LITEON-LTP-2558AA Datasheet
986Kb / 8P
   2.3 inch 5 x 8 SINGLE COLOR & MULTICOLOR DOT MATRIX DISPLAYS
logo
List of Unclassifed Man...
ELM-2081SURWA ETC1-ELM-2081SURWA Datasheet
216Kb / 5P
   Dot Matrix Displays
logo
China Semiconductor Cor...
CSM-16151G CHINASEMI-CSM-16151G Datasheet
256Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151E CHINASEMI-CSM-16151E Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151S CHINASEMI-CSM-16151S Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com