Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33363B Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33363B
Description  HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363B Datasheet(HTML) 4 Page - ON Semiconductor

  MC33363B Datasheet HTML 1Page - ON Semiconductor MC33363B Datasheet HTML 2Page - ON Semiconductor MC33363B Datasheet HTML 3Page - ON Semiconductor MC33363B Datasheet HTML 4Page - ON Semiconductor MC33363B Datasheet HTML 5Page - ON Semiconductor MC33363B Datasheet HTML 6Page - ON Semiconductor MC33363B Datasheet HTML 7Page - ON Semiconductor MC33363B Datasheet HTML 8Page - ON Semiconductor MC33363B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC33363B
4
MOTOROLA ANALOG IC DEVICE DATA
0
0
1.0
70
1.80 V
10
100
7.0
0.8
1.0
µs/DIV
IO, OUTPUT LOAD CURRENT (mA)
TIMING RESISTOR RATIO
1.0
µs/DIV
VCC = 20 V
AV = –1.0
CL = 10 pF
TA = 25°C
f, FREQUENCY (Hz)
Figure 3. Oscillator Charge/Discharge
Current versus Timing Resistor
RT, TIMING RESISTOR (kΩ)
Figure 4. Maximum Output Duty Cycle
versus Timing Resistor Ratio
Figure 5. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 6. Error Amp Output Saturation
Voltage versus Load Current
Figure 7. Error Amplifier Small Signal
Transient Response
Figure 8. Error Amplifier Large Signal
Transient Response
VCC = 20 V
AV = –1.0
CL = 10 pF
TA = 25°C
1.75 V
1.70 V
3.00 V
1.75 V
0.50 V
0.5
0.3
0.2
0.15
0.1
0.08
80
60
40
20
0
–20
60
50
40
30
–1.0
– 2.0
2.0
1.0
0
10
15
20
30
70
2.0
3.0
5.0
7.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
0.2
0.4
0.6
0.8
1.0
0
30
60
90
120
150
180
RD/RT Ratio
Discharge Resistor
Pin 6 to Gnd
VCC = 20 V
CT = 2.0 nF
TA = 25°C
RC/RT Ratio
Charge Resistor
Pin 6 to Vreg
VCC = 20 V
VO = 1.0 to 4.0 V
RL = 5.0 MΩ
CL = 2.0 pF
TA = 25°C
Gain
Phase
VCC = 20 V
TA = 25°C
Source Saturation
(Load to Ground)
Sink Saturation
(Load to Vref)
VCC = 20 V
TA = 25°C
Gnd
Vref
50


Similar Part No. - MC33363B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363BDW ONSEMI-MC33363BDW Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363BDWG ONSEMI-MC33363BDWG Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363BDWG ONSEMI-MC33363BDWG Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33363BDWR2 ONSEMI-MC33363BDWR2 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
More results

Similar Description - MC33363B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33362 ONSEMI-MC33362 Datasheet
390Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 3
MC33363 ONSEMI-MC33363 Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
REV 3
MC33365 ONSEMI-MC33365 Datasheet
233Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
Monolithic Power System...
HF01B00 MPS-HF01B00 Datasheet
902Kb / 16P
   Off Line High Voltage Quasi Resonant Regulator
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com