Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33363P Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33363P
Description  HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363P Datasheet(HTML) 3 Page - ON Semiconductor

  MC33363P Datasheet HTML 1Page - ON Semiconductor MC33363P Datasheet HTML 2Page - ON Semiconductor MC33363P Datasheet HTML 3Page - ON Semiconductor MC33363P Datasheet HTML 4Page - ON Semiconductor MC33363P Datasheet HTML 5Page - ON Semiconductor MC33363P Datasheet HTML 6Page - ON Semiconductor MC33363P Datasheet HTML 7Page - ON Semiconductor MC33363P Datasheet HTML 8Page - ON Semiconductor MC33363P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC33363
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 20 V, RT = 10 k, CT = 390 pF, CPin 8 = 1.0 µF, for typical values TJ = 25°C,
for min/max values TJ is the operating junction temperature range that applies (Note 2), unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
ERROR AMPLIFIER (Pins 9, 10)
Output Voltage Swing
High State (ISource = 100 µA, VFB < 2.0 V)
Low State (ISink = 100 µA, VFB > 3.0 V)
VOH
VOL
4.0
5.3
0.2
0.35
V
OVERVOLTAGE DETECTION (Pin 11)
Input Threshold Voltage
Vth
2.47
2.6
2.73
V
Input Bias Current (Vin = 2.6 V)
IIB
100
500
nA
PWM COMPARATOR (Pins 7, 9)
Duty Cycle
Maximum (VFB = 0 V)
Minimum (VFB = 2.7 V)
DC(max)
DC(min)
48
50
0
52
0
%
POWER SWITCH (Pin 16)
Drain–Source On–State Resistance (ID = 200 mA)
TJ = 25°C
TJ = Tlow to Thigh
RDS(on)
14
17
32
Drain–Source Off–State Leakage Current (VDS = 700 V)
ID(off)
0.2
50
µA
Rise Time
tr
50
ns
Fall Time
tf
50
ns
OVERCURRENT COMPARATOR (Pin 16)
Current Limit Threshold (RT = 10 k)
Ilim
0.5
0.72
0.9
A
STARTUP CONTROL (Pin 1)
Peak Startup Current (Vin = 400 V)
VCC = 0 V
VCC = (Vth(on) – 0.2 V)
Istart
20
6.0
mA
Off–State Leakage Current (Vin = 50 V, VCC = 20 V)
ID(off)
40
200
µA
UNDERVOLTAGE LOCKOUT (Pin 3)
Startup Threshold (VCC Increasing)
Vth(on)
11
15.2
18
V
Minimum Operating Voltage After Turn–On
VCC(min)
7.5
9.5
11.5
V
TOTAL DEVICE (Pin 3)
Power Supply Current
Startup (VCC = 10 V, Pin 1 Open)
Operating
ICC
0.25
3.2
0.5
5.0
mA
RT, TIMING RESISTOR (kΩ)
1.0
7.0
1.0 M
VCC = 20 V
CT = 1.0 µF
TA = 25°C
Figure 1. Oscillator Frequency
versus Timing Resistor
RT, TIMING RESISTOR (kΩ)
Figure 2. Power Switch Peak Drain Current
versus Timing Resistor
500 k
200 k
100 k
50 k
20 k
10 k
0.8
0.6
0.4
0.2
0.1
10
15
20
30
50
7.0
10
15
20
30
40
70
VCC = 20 V
TA = 25°C
CT = 100 pF
CT = 200 pF
CT = 500 pF
CT = 1.0 nF
CT = 2.0 nF
CT = 5.0 nF
CT = 10 nF
Inductor supply voltage and inductance value are
adjusted so that Ipk turn–off is achieved at 5.0 µs.
70
50


Similar Part No. - MC33363P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363P ONSEMI-MC33363P Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
More results

Similar Description - MC33363P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33362 ONSEMI-MC33362 Datasheet
390Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 3
MC33363B ONSEMI-MC33363B Datasheet
250Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
MC33365 ONSEMI-MC33365 Datasheet
233Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
Monolithic Power System...
HF01B00 MPS-HF01B00 Datasheet
902Kb / 16P
   Off Line High Voltage Quasi Resonant Regulator
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com