Electronic Components Datasheet Search |
|
X5329 Datasheet(PDF) 8 Page - Intersil Corporation |
|
X5329 Datasheet(HTML) 8 Page - Intersil Corporation |
8 / 21 page 8 FN8132.1 October 17, 2005 The Write Enable Latch (WEL) bit indicates the Status of the Write Enable Latch. When WEL = 1, the latch is set HIGH and when WEL = 0 the latch is reset LOW. The WEL bit is a volatile, read only bit. It can be set by the WREN instruction and can be reset by the WRDS instruction. The block lock bits, BL0 and BL1, set the level of block lock protection. These nonvolatile bits are pro- grammed using the WRSR instruction and allow the user to protect one quarter, one half, all or none of the EEPROM array. Any portion of the array that is block lock protected can be read but not written. It will remain protected until the BL bits are altered to disable block lock protection of that portion of memory. The FLAG bit shows the status of a volatile latch that can be set and reset by the system using the SFLB and RFLB instructions. The Flag bit is automatically reset upon power-up. The nonvolatile WPEN bit is programmed using the WRSR instruction. This bit works in conjunction with the WP pin to provide an In-Circuit Programmable ROM function (Table 2). WP is LOW and WPEN bit pro- grammed HIGH disables all Status Register Write Operations. In Circuit Programmable ROM Mode This mechanism protects the block lock and Watchdog bits from inadvertent corruption. In the locked state ( Programmable ROM Mode) the WP pin is LOW and the nonvolatile bit WPEN is “1”. This mode disables nonvolatile writes to the device’s Status Register. Setting the WP pin LOW while WPEN is a “1” while an internal write cycle to the Status Register is in progress will not stop this write operation, but the operation dis- ables subsequent write attempts to the Status Register. When WP is HIGH, all functions, including nonvolatile writes to the Status Register operate normally. Setting the WPEN bit in the Status Register to “0” blocks the WP pin function, allowing writes to the Status Register when WP is HIGH or LOW. Setting the WPEN bit to “1” while the WP pin is LOW activates the Pro- grammable ROM mode, thus requiring a change in the WP pin prior to subsequent Status Register changes. This allows manufacturing to install the device in a sys- tem with WP pin grounded and still be able to program the Status Register. Manufacturing can then load Con- figuration data, manufacturing time and other parame- ters into the EEPROM, then set the portion of memory to be protected by setting the block lock bits, and finally set the “OTP mode” by setting the WPEN bit. Data changes now require a hardware change. Figure 5. Read EEPROM Array Sequence Status Register Bits Array Addresses Protected BL1 BL0 X5328/X5329 0 0 None 0 1 $0C00-$0FFF 1 0 $0800-$0FFF 1 1 $0000-$0FFF 0 1 2 3 4 5 6 7 8 9 10 20 21 22 23 24 25 26 27 28 29 30 7 6 543 21 0 Data Out CS SCK SI SO MSB High Impedance Instruction 16 Bit Address 15 14 13 3 2 1 0 X5328, X5329 |
Similar Part No. - X5329 |
|
Similar Description - X5329 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |