Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5163PI Datasheet(PDF) 11 Page - Intersil Corporation

Part # X5163PI
Description  CPU Supervisor with 16Kbit SPI EEPROM Description
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5163PI Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X5163PI Datasheet HTML 7Page - Intersil Corporation X5163PI Datasheet HTML 8Page - Intersil Corporation X5163PI Datasheet HTML 9Page - Intersil Corporation X5163PI Datasheet HTML 10Page - Intersil Corporation X5163PI Datasheet HTML 11Page - Intersil Corporation X5163PI Datasheet HTML 12Page - Intersil Corporation X5163PI Datasheet HTML 13Page - Intersil Corporation X5163PI Datasheet HTML 14Page - Intersil Corporation X5163PI Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8128.1
May 16, 2005
5V
OUTPUT
100pF
5V
3.3k
RESET/RESET
30pF
1.64k
1.64k
FIGURE 10. EQUIVALENT A.C. LOAD CIRCUIT AT 5V VCC
A.C. Test Conditions
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x0.5
AC Electrical Specifications
Serial Input Timing (Over operating conditions unless otherwise specified.)
SYMBOL
PARAMETER
2.7-5.5V
UNIT
MIN
MAX
fSCK
Clock Frequency
0
2
MHz
tCYC
Cycle Time
500
ns
tLEAD
CS Lead Time
250
ns
tLAG
CS Lag Time
250
ns
tWH
Clock HIGH Time
200
ns
tWL
Clock LOW Time
200
ns
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tRI(3)
Input Rise Time
100
ns
tFI(3)
Input Fall Time
100
ns
tCS
CS Deselect Time
500
ns
tWC(4)
Write Cycle Time
10
ms
SCK
CS
SI
SO
MSB IN
tSU
tRI
tLAG
tLEAD
tH
LSB IN
tCS
tFI
HIGH IMPEDANCE
FIGURE 11. SERIAL INPUT TIMING
X5163, X5165


Similar Part No. - X5163PI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163PI INTERSIL-X5163PI Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163PI-2.7 INTERSIL-X5163PI-2.7 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163PI-2.7A INTERSIL-X5163PI-2.7A Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163PI-4.5A INTERSIL-X5163PI-4.5A Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163PI-4.5A INTERSIL-X5163PI-4.5A Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5163PI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5163 XICOR-X5163 Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163_06 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5165S8IZ INTERSIL-X5165S8IZ Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5168 RENESAS-X5168 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com