Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33441 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33441
Description  Electroluminescent Lamp Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33441 Datasheet(HTML) 5 Page - ON Semiconductor

  MC33441 Datasheet HTML 1Page - ON Semiconductor MC33441 Datasheet HTML 2Page - ON Semiconductor MC33441 Datasheet HTML 3Page - ON Semiconductor MC33441 Datasheet HTML 4Page - ON Semiconductor MC33441 Datasheet HTML 5Page - ON Semiconductor MC33441 Datasheet HTML 6Page - ON Semiconductor MC33441 Datasheet HTML 7Page - ON Semiconductor MC33441 Datasheet HTML 8Page - ON Semiconductor MC33441 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33441
http://onsemi.com
5
will be turned off and the energy will release to the EL lamp.
And, those switches will remain off until the next clock cycle.
H–Bridge Network
To achieve the 140V peak–to–peak voltage, H–bridge
network is used to charge and discharge the EL lamp. The
switching frequency of the bridge network is controlled by a
clock signal from the divider with its frequency much lower than
the one to the coil–driver. Moreover, to reduce the current
consumption, the biasing current to the two low–side switches
of the H–bridge is not activated until the coil–driver circuit
needed to release the energy to the EL lamp. Then, the biasing
circuit will be on and be ready before the main switch in the
coil–driver really starts to turn off.
External Components
System designer will base on the application to decide the size
and the type of the EL lamp to be used. The external resistance
(REXT)atRT1pindeterminestheexcitationfrequency(FEL)for
the lamp. The relationship between REXT and the frequency is:
FEL = FOSC B 384
By substitute the equation of FOSC from Oscillator &
Frequency Divider.
F
EL +
4.341
107
R
EXT
Hz
so
R
EXT +
4.341
107
F
EL
W
Moreover, if a low TC resistor is used, the oscillator
frequency’s TC can be kept low. The filter capacitor is to provide
a smooth and more stable output waveform for the EL lamp.
The value of this capacitor depends on the input voltage and the
coil’s inductance value. Equations below can be used to estimate
filter capacitor’s value at different input voltage.
Best Case Approximation for the Filter Capacitor:
C
FILTER +
0.026
(V
in *
V
SW
)2 (L
F
OSC
2)
Worst Case Approximation for the Filter Capacitor:
C
FILTER +
0.085
(V
in *
V
SW
)2 (L
F
OSC
2)
where VIN is the input voltage, VSW is voltage across the
switch when it is on, L is the coil’s value and FOSC is the
clock frequency.
Measurement below is recorded with the condition: coil
= 1mH, EL lamp = 2.2nF and at room temperature.
Table 1: Reference for CFILTER
VDD
REXT
CFILTER
1.8V
100K–130K
W
5n–10nF
2.0V
100K–130K
W
10n–22nF
2.5V
100K–130K
W
10n–22nF
3.0V
100K–130K
W
22nF–33nF


Similar Part No. - MC33441

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
MC33441DTBR2 ONSEMI-MC33441DTBR2 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
More results

Similar Description - MC33441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com