Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5328V14Z-4.5A Datasheet(PDF) 6 Page - Intersil Corporation

Part # X5328V14Z-4.5A
Description  CPU Supervisor with 32Kbit SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5328V14Z-4.5A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X5328V14Z-4.5A Datasheet HTML 2Page - Intersil Corporation X5328V14Z-4.5A Datasheet HTML 3Page - Intersil Corporation X5328V14Z-4.5A Datasheet HTML 4Page - Intersil Corporation X5328V14Z-4.5A Datasheet HTML 5Page - Intersil Corporation X5328V14Z-4.5A Datasheet HTML 6Page - Intersil Corporation X5328V14Z-4.5A Datasheet HTML 7Page - Intersil Corporation X5328V14Z-4.5A Datasheet HTML 8Page - Intersil Corporation X5328V14Z-4.5A Datasheet HTML 9Page - Intersil Corporation X5328V14Z-4.5A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8132.1
October 17, 2005
Figure 3. VTRIP Programming Sequence Flow Chart
Figure 4. Sample VTRIP Reset Circuit
VTRIP Programming
Apply 5V to VCC
Decrement VCC
RESET pin
goes active?
Measured VTRIP -
Desired VTRIP
DONE
Execute
Sequence
Reset VTRIP
Set VCC = VCC Applied =
Desired VTRIP
Execute
Sequence
Set VTRIP
New VCC Applied =
Old VCC Applied + Error
(VCC = VCC - 10mV)
Execute
Sequence
Reset VTRIP
New VCC Applied =
Old VCC Applied - Error
Error
≥ Emax
Error < Emax
YES
NO
Error > Emax
Emax = Maximum Desired Error
1
2
3
4
8
7
6
5
X5328/29
VTRIP
Adj.
Program
NC
NC
VP
Reset VTRIP
Test VTRIP
Set VTRIP
NC
RESET
4.7K
4.7K
10K
10K
+
X5328, X5329


Similar Part No. - X5328V14Z-4.5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5328 RENESAS-X5328 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5328S8IZ RENESAS-X5328S8IZ Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5328S8IZ-2.7 RENESAS-X5328S8IZ-2.7 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5328S8IZ-2.7A RENESAS-X5328S8IZ-2.7A Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5328S8IZ-2.7T1 RENESAS-X5328S8IZ-2.7T1 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
More results

Similar Description - X5328V14Z-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Renesas Technology Corp
X5323 RENESAS-X5323 Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
X5328 RENESAS-X5328 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com