Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5643S14-2.7A Datasheet(PDF) 5 Page - Intersil Corporation

Part # X5643S14-2.7A
Description  CPU Supervisor with 64Kbit SPI EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5643S14-2.7A Datasheet(HTML) 5 Page - Intersil Corporation

  X5643S14-2.7A Datasheet HTML 1Page - Intersil Corporation X5643S14-2.7A Datasheet HTML 2Page - Intersil Corporation X5643S14-2.7A Datasheet HTML 3Page - Intersil Corporation X5643S14-2.7A Datasheet HTML 4Page - Intersil Corporation X5643S14-2.7A Datasheet HTML 5Page - Intersil Corporation X5643S14-2.7A Datasheet HTML 6Page - Intersil Corporation X5643S14-2.7A Datasheet HTML 7Page - Intersil Corporation X5643S14-2.7A Datasheet HTML 8Page - Intersil Corporation X5643S14-2.7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN8135.1
July 18, 2005
Figure 4. Sample VTRIP Reset Circuit
SPI SERIAL MEMORY
The memory portion of the device is a CMOS serial
EEPROM array with Intersil’s block lock protection.
The array is internally organized as x 8. The device
features a Serial Peripheral Interface (SPI) and soft-
ware protocol allowing operation on a simple four-wire
bus.
The device utilizes Intersil’s proprietary Direct Write
cell, providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
The device is designed to interface directly with the
synchronous Serial Peripheral Interface (SPI) of many
popular microcontroller families. It contains an 8-bit
instruction register that is accessed via the SI input,
with data being clocked in on the rising edge of SCK.
CS must be LOW during the entire operation.
All instructions (Table 1), addresses and data are trans-
ferred MSB first. Data input on the SI line is latched on
the first rising edge of SCK after CS goes LOW. Data is
output on the SO line by the falling edge of SCK. SCK is
static, allowing the user to stop the clock and then start
it again to resume operations where left off.
Write Enable Latch
The device contains a write enable latch. This latch
must be SET before a write operation is initiated. The
WREN instruction will set the latch and the WRDI
instruction will reset the latch (Figure 3). This latch is
automatically reset upon a power-up condition and
after the completion of a valid Write Cycle.
Status Register
The RDSR instruction provides access to the status regis-
ter. The status register may be read at any time, even dur-
ing a write cycle. The status register is formatted as
follows:
The Write-In-Progress (WIP) bit is a volatile, read only
bit and indicates whether the device is busy with an
internal nonvolatile write operation. The WIP bit is read
using the RDSR instruction. When set to a “1”, a non-
volatile write operation is in progress. When set to a
“0”, no write is in progress.
Table 1. Instruction Set
Note:
*Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.
X5643/45
1
2
3
4
8
7
6
5
VTRIP
Adj.
Program
NC
NC
VP
Reset VTRIP
Test VTRIP
Set VTRIP
NC
RESET
4.7K
4.7K
10K
10K
+
7
6
5
4
3
210
WPEN
FLB
WD1
WD0
BL1
BL0
WEL
WIP
Instruction Name
Instruction Format*
Operation
WREN
0000 0110
Set the write enable latch (enable write operations)
SFLB
0000 0000
Set flag bit
WRDI/RFLB
0000 0100
Reset the write enable latch/reset flag bit
RSDR
0000 0101
Read status register
WRSR
0000 0001
Write status register (watchdog, block lock, WPEN & flag bits)
READ
0000 0011
Read data from memory array beginning at selected address
WRITE
0000 0010
Write data to memory array beginning at selected address
X5643, X5645


Similar Part No. - X5643S14-2.7A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5643S14-2.7A XICOR-X5643S14-2.7A Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Renesas Technology Corp
X5643S14-2.7A RENESAS-X5643S14-2.7A Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
More results

Similar Description - X5643S14-2.7A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Renesas Technology Corp
X5648 RENESAS-X5648 Datasheet
700Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
March 17, 2005
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com