Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33460 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33460
Description  Under Voltage Detector Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33460 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33460 Datasheet HTML 1Page - ON Semiconductor MC33460 Datasheet HTML 2Page - ON Semiconductor MC33460 Datasheet HTML 3Page - ON Semiconductor MC33460 Datasheet HTML 4Page - ON Semiconductor MC33460 Datasheet HTML 5Page - ON Semiconductor MC33460 Datasheet HTML 6Page - ON Semiconductor MC33460 Datasheet HTML 7Page - ON Semiconductor MC33460 Datasheet HTML 8Page - ON Semiconductor MC33460 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC33460, MC33461
http://onsemi.com
2
ORDERING INFORMATION
Device
Threshold
Voltage
Type
Marking
Package
(Qty/Reel)
MC33460SQ–09ATR
0.9
K9
MC33460SQ–20ATR
2.0
M0
MC33460SQ–27ATR
2.7
Nch
M7
MC33460SQ–28ATR
2.8
Nch
Open
M8
MC33460SQ–30ATR
3.0
Oen
Drain
N0
MC33460SQ–32ATR
3.2
Drain
N2
MC33460SQ–43ATR
4.3
P3
3000 Units
MC33460SQ–45ATR
4.5
P5
3000 Units
on 7 inch
MC33461SQ–09CTR
0.9
T9
on 7 inch
Reel
MC33461SQ–20CTR
2.0
V0
Reel
MC33461SQ–27CTR
2.7
V7
MC33461SQ–28CTR
2.8
CMOS
V8
MC33461SQ–30CTR
3.0
CMOS
W0
MC33461SQ–32CTR
3.2
W2
MC33461SQ–43CTR
4.3
X3
MC33461SQ–45CTR
4.5
X5
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
Vin
12
V
Output Voltage (CMOS)
VOUT1
–0.3 to Vin+0.3
V
Output Voltage (Nch Open Drain)
VOUT2
–0.3 to 12
V
Output Current
IOUT
70
mA
Power Dissipation
PD
150
mW
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–40 to +125
°C
Lead Temperature (Soldering)
Tsolder
260
°C, 10 s
Input Voltage
(Vin)
Figure 1. Tpd Measurement Conditions
Output Voltage
(OUT)
0.7V
GND
5.0V
2.5V
GND
+VDET+2.0V
MC33460
MC33461
tPLH
Input Voltage
(Vin)
0.7V
GND
GND
+VDET+2.0V
tPLH
+VDET+2.0V
+VDET+2.0V
2
Output Voltage
(OUT)
Note: Measured with 470k pullup resistor from OUT to +5V.


Similar Part No. - MC33460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
MC33463H-30KT1 ONSEMI-MC33463H-30KT1 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
MC33463H-30LT1 ONSEMI-MC33463H-30LT1 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
More results

Similar Description - MC33460

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
   3V Under Voltage Detector
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
TPS37A-Q1 TI-TPS37A-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TPS37x-Q1 (65 V & 2uA) Over & Under Voltage Detector with Delay Function
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com