Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33460 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33460
Description  Under Voltage Detector Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33460 Datasheet(HTML) 4 Page - ON Semiconductor

  MC33460 Datasheet HTML 1Page - ON Semiconductor MC33460 Datasheet HTML 2Page - ON Semiconductor MC33460 Datasheet HTML 3Page - ON Semiconductor MC33460 Datasheet HTML 4Page - ON Semiconductor MC33460 Datasheet HTML 5Page - ON Semiconductor MC33460 Datasheet HTML 6Page - ON Semiconductor MC33460 Datasheet HTML 7Page - ON Semiconductor MC33460 Datasheet HTML 8Page - ON Semiconductor MC33460 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC33460, MC33461
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For all values TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
MC33460/461 – 2.7
Detector Threshold (Vin Falling)
VDET–
2.646
2.700
2.754
V
Detector Threshold Hysteresis
VHYS
0.081
0.135
0.189
V
Supply Current
(Vin = 2.6 V)
(Vin = 4.7 V)
Iin
0.9
1.1
2.7
3.3
µA
Maximum Operating Voltage
Vin(max)
10
V
Minimum Operating Voltage
(–40
°C≤TA≤85°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Output Current (OUT)
IOUT
Nch
(Vout = 0.05V, Vin = 0.70V)
0.01
0.05
mA
(Vout = 0.50V, Vin = 1.5V)
1.0
2.0
mA
CMOS Output High
(Vout = 2.4V, Vin = 4.5V)
1.0
2.0
mA
Output Delay Time (Note 1)
tpd
100
µs
Detector Threshold Temperature Coefficient
(–40
°C≤TA≤85°C) DVDET–/DT
±100
PPM/
°C
NOTES: 1.Refer to Figure 1 for test conditions for measurement.
ELECTRICAL CHARACTERISTICS (For all values TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
MC33460/461 – 2.8
Detector Threshold (Vin Falling)
VDET–
2.744
2.800
2.856
V
Detector Threshold Hysteresis
VHYS
0.084
0.140
0.196
V
Supply Current
(Vin = 2.7 V)
(Vin = 4.8 V)
Iin
0.9
1.1
2.7
3.3
µA
Maximum Operating Voltage
Vin(max)
10
V
Minimum Operating Voltage
(–40
°C≤TA≤85°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Output Current (OUT)
IOUT
Nch
(Vout = 0.05V, Vin = 0.70V)
0.01
0.05
mA
(Vout = 0.50V, Vin = 1.5V)
1.0
2.0
mA
CMOS Output High
(Vout = 2.4V, Vin = 4.5V)
1.0
2.0
mA
Output Delay Time (Note 1)
tpd
100
µs
Detector Threshold Temperature Coefficient
(–40
°C≤TA≤85°C) DVDET–/DT
±100
PPM/
°C
NOTES: 1.Refer to Figure 1 for test conditions for measurement.


Similar Part No. - MC33460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
MC33463H-30KT1 ONSEMI-MC33463H-30KT1 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
MC33463H-30LT1 ONSEMI-MC33463H-30LT1 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
More results

Similar Description - MC33460

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
   3V Under Voltage Detector
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
TPS37A-Q1 TI-TPS37A-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TPS37x-Q1 (65 V & 2uA) Over & Under Voltage Detector with Delay Function
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com