Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9110TV14IZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9110TV14IZ
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9110TV14IZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9110TV14IZ Datasheet HTML 6Page - Intersil Corporation X9110TV14IZ Datasheet HTML 7Page - Intersil Corporation X9110TV14IZ Datasheet HTML 8Page - Intersil Corporation X9110TV14IZ Datasheet HTML 9Page - Intersil Corporation X9110TV14IZ Datasheet HTML 10Page - Intersil Corporation X9110TV14IZ Datasheet HTML 11Page - Intersil Corporation X9110TV14IZ Datasheet HTML 12Page - Intersil Corporation X9110TV14IZ Datasheet HTML 13Page - Intersil Corporation X9110TV14IZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN8158.2
October 7, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on SCK any address input
with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on V+ (referenced to VSS) (Note 4) . . . . . . . . . . . . . . . .10V
Voltage on V- (referenced to VSS) (Note 4) . . . . . . . . . . . . . . . . -10V
(V+) - (V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Any Voltage on RH/RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .V+
Any Voltage on RL/RH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V-
Lead temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . . . 300
°C
IW (10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VCC) Limits (Note 4)
X9110. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
± 10%
X9110-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Analog Specifications Over recommended industrial (2.7V) operation conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RTOTAL
End to End Resistance
100
k
End to End Resistance Tolerance
±20
%
Power Rating
25°C, each pot
50
mW
IW
Wiper Current
±3
mA
RW
Wiper Resistance
Wiper Current =
±3mA, VCC = 3V
150
500
RW
Wiper Resistance
IW = ±3mA, VCC = 5V
100
Vv+
Voltage on V+ pin
X9110 (Note4)
+4.5
+5.5
V
X9110-2.7 (Note 4)
+2.7
+5.5
Vv-
Voltage on V- pin
X9110 (Note 4)
-5.5
-4.5
V
X9110-2.7 (Note4)
-5.5
-2.7
VTERM
Voltage on any RH or RL Pin
VSS = 0V
V-
V+
V
Noise
Ref: 1V
-120
dBV
Resolution
0.1
%
Absolute Linearity (Note 1)
Rw(n)(actual) – Rw(n)(expected), where n = 8 to 1006
±1
MI (Note 3)
Rw(n)(actual) – Rw(n)(expected) (Note 5)
±1.5
MI (Note 3)
Relative Linearity (Note 2)
Rw(m + 1) – [Rw(m) + MI], where m = 8 to 1006
±0.5
MI (Note 3)
Rw(m + 1) – [Rw(m) + MI] (Note 5)
±1
MI (Note 3)
Temperature Coefficient of RTOTAL
±300
ppm/°C
Ratiometric Temp. Coefficient
20
ppm/°C
CH/CL/CW Potentiometer Capacitancies
See Macro model
10/10/25
pF
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
2. Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. It is
a measure of the error in step size.
3. MI = RTOT / 1023 or (RH – RL) / 1023, single pot
4. VCC, V+, V- must reach their final values within 1 msec of each other.
5. n = 0, 1, 2, …,1023; m =0, 1, 2, …, 1022.
X9110


Similar Part No. - X9110TV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9110TV14IZ INTERSIL-X9110TV14IZ Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
X9110TV14IZ INTERSIL-X9110TV14IZ Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
logo
Renesas Technology Corp
X9110TV14IZ RENESAS-X9110TV14IZ Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9110TV14IZ-2.7 INTERSIL-X9110TV14IZ-2.7 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
X9110TV14IZ-2.7 INTERSIL-X9110TV14IZ-2.7 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
More results

Similar Description - X9110TV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com