Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9116WM8 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9116WM8
Description  Low Noise, Low Power, Low Cost
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9116WM8 Datasheet(HTML) 1 Page - Intersil Corporation

  X9116WM8 Datasheet HTML 1Page - Intersil Corporation X9116WM8 Datasheet HTML 2Page - Intersil Corporation X9116WM8 Datasheet HTML 3Page - Intersil Corporation X9116WM8 Datasheet HTML 4Page - Intersil Corporation X9116WM8 Datasheet HTML 5Page - Intersil Corporation X9116WM8 Datasheet HTML 6Page - Intersil Corporation X9116WM8 Datasheet HTML 7Page - Intersil Corporation X9116WM8 Datasheet HTML 8Page - Intersil Corporation X9116WM8 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN8160.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9116
Low Noise, Low Power, Low Cost
Digitally Controlled Potentiometer
(XDCP™)
The Intersil X9116 is a digitally controlled nonvolatile
potentiometer designed to be used in trimmer applications.
The pot consists of 15 equal resistor segments that connect
to the wiper pin through programmable CMOS switches. The
tap position is programmed through a 3-wire up/down serial
port. The last position of the wiper is stored in a nonvolatile
memory location which is recalled at the time of power up of
the device.
The wiper moves through sequential tap positions with
inputs on the serial port. A falling edge on INC (bar) causes
the tap position to increment one position up or down based
on whether the U/D (bar) pin is held high or low.
The X9116 can be used in many applications requiring a
variable resistance. In many cases it can replace a
mechanical trimmer and offers many advantages such as
temperature and time stability as well as the reliability of a
solid state solution.
Features
• Solid-state nonvolatile
• 16 wiper taps
• 3-wire up/down serial interface
•VCC = 2.7V and 5V
• Active current < 50µA max.
• Standby current < 1µA max.
•RTOTAL = 10kΩ
• Packages: MSOP-8, SOIC
• Pb-free plus anneal available (RoHS compliant)
Pinout
Block Diagram
VH/RH
VCC
INC
U/D
1
2
3
4
8
7
6
5
X9116
SOIC/MSOP
VSS
CS
VL/RL
VW/RW
Control
and
Memory
Up/Down
(U/D)
Increment
(INC)
Device Select
(CS)
VCC (Supply Voltage)
VSS (Ground)
RH/VH
RW/VW
RL/VL
General
RL
RH
0
1
2
3
*
13
14
15
RW-RL Resistance
10k
9.34k
8.68k
* k
2.08k
1.42k
760
100
Data Sheet
September 12, 2005


Similar Part No. - X9116WM8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9116WM8 XICOR-X9116WM8 Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
X9116WM8-2.7 XICOR-X9116WM8-2.7 Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9116WM8-2.7 INTERSIL-X9116WM8-2.7 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
logo
Xicor Inc.
X9116WM8I XICOR-X9116WM8I Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9116WM8I INTERSIL-X9116WM8I Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
More results

Similar Description - X9116WM8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
   Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
logo
Analog Devices
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8436 AD-AD8436 Datasheet
760Kb / 20P
   Low Cost, Low Power
REV. 0
logo
Maxim Integrated Produc...
MAX2406 MAXIM-MAX2406 Datasheet
92Kb / 8P
   Low-Cost Downconverter with Low-Noise Amplifier
19-1303; Rev 0; 10/97
logo
Analog Devices
AD73311L AD-AD73311L_17 Datasheet
411Kb / 37P
   Low Cost, Low Power CMOS
AD8335 AD-AD8335 Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com