Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5323V14I Datasheet(PDF) 5 Page - Intersil Corporation

Part # X5323V14I
Description  CPU Supervisor with 32Kb SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5323V14I Datasheet(HTML) 5 Page - Intersil Corporation

  X5323V14I Datasheet HTML 1Page - Intersil Corporation X5323V14I Datasheet HTML 2Page - Intersil Corporation X5323V14I Datasheet HTML 3Page - Intersil Corporation X5323V14I Datasheet HTML 4Page - Intersil Corporation X5323V14I Datasheet HTML 5Page - Intersil Corporation X5323V14I Datasheet HTML 6Page - Intersil Corporation X5323V14I Datasheet HTML 7Page - Intersil Corporation X5323V14I Datasheet HTML 8Page - Intersil Corporation X5323V14I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN8131.1
October 27, 2005
PRINCIPLES OF OPERATION
Power-on Reset
Application of power to the X5323/X5325 activates a
power-on reset circuit. This circuit goes active at about
1V and pulls the RESET/RESET pin active. This signal
prevents the system microprocessor from starting to
operate with insufficient voltage or prior to stabilization
of the oscillator. As long as RESET/RESET pin is
active, the device will not respond to any Read/Write
instruction. When VCC exceeds the device VTRIP value
for
200ms
(nominal)
the
circuit
releases
RESET/RESET, allowing the processor to begin exe-
cuting code.
Low Voltage Monitoring
During operation, the X5323/X5325 monitors the VCC
level and asserts RESET/RESET if supply voltage
falls
below
a
preset
minimum
VTRIP.
The
RESET/RESET signal prevents the microprocessor
from operating in a power fail or brownout condition.
The RESET/RESET signal remains active until the
voltage drops below 1V. It also remains active until
VCC returns and exceeds VTRIP for 200ms.
Watchdog Timer
The watchdog timer circuit monitors the microprocessor
activity by monitoring the WDI input. The microprocessor
must toggle the CS/WDI pin periodically to prevent a
RESET/RESET signal. The CS/WDI pin must be tog-
gled from HIGH to LOW prior to the expiration of the
watchdog time out period. The state of two nonvolatile
control bits in the status register determine the watch-
dog timer period. The microprocessor can change
these watchdog bits, or they may be “locked” by tying
the WP pin LOW and setting the WPEN bit HIGH.
VCC Threshold Reset Procedure
The X5323/X5325 has a standard VCC threshold
(VTRIP) voltage. This value will not change over normal
operating and storage conditions. However, in applica-
tions where the standard VTRIP is not exactly right, or
for
higher
precision
in
the
VTRIP value, the
X5323/X5325 threshold may be adjusted.
Setting the VTRIP Voltage
This procedure sets the VTRIP to a higher voltage
value. For example, if the current VTRIP is 4.4V and
the new VTRIP is 4.6V, this procedure directly makes
the change. If the new setting is lower than the current
setting, then it is necessary to reset the trip point
before setting the new value.
To set the new VTRIP voltage, apply the desired VTRIP
threshold to the Vcc pin and tie the CS/WDI pin and
the WP pin HIGH. RESET/RESET and SO pins are
left unconnected. Then apply the programming voltage
VP to both SCK and SI and pulse CS/WDI LOW then
HIGH. Remove VP and the sequence is complete.
Figure 1. Set VTRIP Voltage
Resetting the VTRIP Voltage
This procedure sets the VTRIP to a “native” voltage
level. For example, if the current VTRIP is 4.4V and the
VTRIP is reset, the new VTRIP is something less than
1.7V. This procedure must be used to set the voltage
to a lower value.
To reset the VTRIP voltage, apply a voltage between
2.7 and 5.5V to the VCC pin. Tie the CS/WDI pin, the
WP pin, and the SCK pin HIGH. RESET/RESET and
SO pins are left unconnected. Then apply the pro-
gramming voltage VP to the SI pin ONLY and pulse
CS/WDI LOW then HIGH. Remove VP and the
sequence is complete.
Figure 2. Reset VTRIP Voltage
SCK
SI
VP
VP
CS
SCK
SI
VCC
VP
CS
X5323, X5325


Similar Part No. - X5323V14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5323V14I INTERSIL-X5323V14I Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
X5323V14I-2.7 INTERSIL-X5323V14I-2.7 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
X5323V14I-2.7A INTERSIL-X5323V14I-2.7A Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
X5323V14I-4.5A INTERSIL-X5323V14I-4.5A Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
X5323V14IZ INTERSIL-X5323V14IZ Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results

Similar Description - X5323V14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com