Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9119TV14-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9119TV14-2.7
Description  Single Supply/Low Power/1024-Tap/2-Wire Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9119TV14-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9119TV14-2.7 Datasheet HTML 7Page - Intersil Corporation X9119TV14-2.7 Datasheet HTML 8Page - Intersil Corporation X9119TV14-2.7 Datasheet HTML 9Page - Intersil Corporation X9119TV14-2.7 Datasheet HTML 10Page - Intersil Corporation X9119TV14-2.7 Datasheet HTML 11Page - Intersil Corporation X9119TV14-2.7 Datasheet HTML 12Page - Intersil Corporation X9119TV14-2.7 Datasheet HTML 13Page - Intersil Corporation X9119TV14-2.7 Datasheet HTML 14Page - Intersil Corporation X9119TV14-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN8162.2
September 15, 2005
ANALOG CHARACTERISTICS (Over recommended industrial (2.7V) operation conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(3) MI = RTOT / 1023 or (RH – RL) / 1023, single pot
(4) n = 0, 1, 2, …,1023; m =0, 1, 2, …, 1022.
(5) ESD Rating on RH, RL, RW pins is 1.5KV (HBM, 1.0µA leakage maximum), ESD rating on all other pins is 2.0kV.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
RTOTAL
End to End Resistance
100
k
End to End Resistance Tolerance
±20
%
Power Rating
50
mW
25°C, each pot
IW
Wiper Current
±3
mA
RW
Wiper Resistance
40
110
Wiper Current =
± 50µA,
VCC = 5V
150
300
Wiper Current =
± 50µA,
VCC = 3V
VTERM
Voltage on any RH or RL Pin
VSS
5V
VSS = 0V
Noise
-120
dBV
Ref: 1V
Resolution
0.1
%
Absolute Linearity(1)
±1
MI(3)
Rw(n)(actual) – Rw(n)(expected),
where n=8 to 1006
±1.5
±2.0
MI(3)
Rw(n)(actual) – Rw(n)(expected)
(5)
Relative Linearity(2)
±0.5
MI(3)
Rw(m + 1) – [Rw(m) + MI], where
m=8 to 1006
±0.5
±1.0
MI(3)
Rw(m + 1) – [Rw(m) + MI]
(5)
Temperature Coefficient of RTOTAL
±300
ppm/°C
Ratiometric Temp. Coefficient
20
ppm/°C
CH/CL/CW Potentiometer Capacitancies
10/10/25
pF
See Macro model
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on SCL, SDA, or any address input
with respect to VSS ................................. -1V to +7V
∆V = | (VH–VL) | ......................................................5V
Lead temperature (soldering, 10s) .................... 300
°C
IW (10s) ..............................................................±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above
those listed in the operational sections of this
specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Device
Supply Voltage (VCC) Limits
(4)
X9118
5V
± 10%
X9118-2.7
2.7V to 5.5V
X9119


Similar Part No. - X9119TV14-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119TV14-2.7 INTERSIL-X9119TV14-2.7 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9119TV14-2.7 INTERSIL-X9119TV14-2.7 Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
More results

Similar Description - X9119TV14-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
   Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9118 INTERSIL-X9118 Datasheet
348Kb / 20P
   Dual Suply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com