Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5043P-2.7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X5043P-2.7
Description  CPU Supervisor with 4K SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5043P-2.7 Datasheet(HTML) 2 Page - Intersil Corporation

  X5043P-2.7 Datasheet HTML 1Page - Intersil Corporation X5043P-2.7 Datasheet HTML 2Page - Intersil Corporation X5043P-2.7 Datasheet HTML 3Page - Intersil Corporation X5043P-2.7 Datasheet HTML 4Page - Intersil Corporation X5043P-2.7 Datasheet HTML 5Page - Intersil Corporation X5043P-2.7 Datasheet HTML 6Page - Intersil Corporation X5043P-2.7 Datasheet HTML 7Page - Intersil Corporation X5043P-2.7 Datasheet HTML 8Page - Intersil Corporation X5043P-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8126.1
September 16, 2005
Typical Application
Block Diagram
uC
RESET
CS
SCK
SI
SO
WP
VCC
VSS
RESET
SPI
VCC
VSS
X5043
2.7-5.0V
10K
Watchdog
Timer
Command
Decode &
Control
Logic
SI
SO
SCK
CS/WDI
VCC
POR and Low
Generation
VTRIP
+
-
RESET (X5043)
Voltage Reset
Protect Logic
4Kbits
EEPROM
Watchdog
Detector
WP
Array
Status
Register
Transition
Reset
Reset & Watchdog
Timebase
RESET (X5045)
X5043, X5045
STANDARD VTRIP LEVEL
SUFFIX
4.63V (+/-2.5%)
-4.5A
4.38V (+/-2.5%)
-4.5
2.93V (+/-2.5%)
-2.7A
2.63V (+/-2.5%)
-2.7
See “Ordering Information” on page 3. for
more details
For Custom Settings, call Intersil.
X5043, X5045


Similar Part No. - X5043P-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043P-2.7 INTERSIL-X5043P-2.7 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043P-2.7A INTERSIL-X5043P-2.7A Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043P-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
logo
Xicor Inc.
X5043 XICOR-X5043 Datasheet
108Kb / 20P
   CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com