Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9015US8-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9015US8-2.7
Description  Low Noise, Low Power Volatile
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015US8-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9015US8-2.7 Datasheet HTML 3Page - Intersil Corporation X9015US8-2.7 Datasheet HTML 4Page - Intersil Corporation X9015US8-2.7 Datasheet HTML 5Page - Intersil Corporation X9015US8-2.7 Datasheet HTML 6Page - Intersil Corporation X9015US8-2.7 Datasheet HTML 7Page - Intersil Corporation X9015US8-2.7 Datasheet HTML 8Page - Intersil Corporation X9015US8-2.7 Datasheet HTML 9Page - Intersil Corporation X9015US8-2.7 Datasheet HTML 10Page - Intersil Corporation X9015US8-2.7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8157.1
September 15, 2005
SOIC Packaging Information
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.019 (0.49)
Pin 1
Pin 1 Index
0.010 (0.25)
0.020 (0.50)
0.050 (1.27)
0.188 (4.78)
0.197 (5.00)
0.004 (0.19)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7°
0.016 (0.410)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0° - 8°
X 45°
8-Lead Plastic Small Outline Gull Wing Package Type S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.250"
0.050" Typical
0.050"
Typical
0.030"
Typical
8 Places
FOOTPRINT
X9015


Similar Part No. - X9015US8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015US8-2.7 INTERSIL-X9015US8-2.7 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
More results

Similar Description - X9015US8-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9116 INTERSIL-X9116 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
logo
Analog Devices
AD7785 AD-AD7785_15 Datasheet
636Kb / 32P
   3-Channel, Low Noise, Low Power
REV. 0
logo
Bosch Sensortec GmbH
BMG250 BOSCH-BMG250 Datasheet
1Mb / 74P
   Low noise, low power triaxial gyroscope
logo
Analog Devices
AD7798 AD-AD7798_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
AD7799 AD-AD7799_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_06 Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com