Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AYPI Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9221AYPI
Description  64 Taps, 2-Wire Serial Bus
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AYPI Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9221AYPI Datasheet HTML 7Page - Intersil Corporation X9221AYPI Datasheet HTML 8Page - Intersil Corporation X9221AYPI Datasheet HTML 9Page - Intersil Corporation X9221AYPI Datasheet HTML 10Page - Intersil Corporation X9221AYPI Datasheet HTML 11Page - Intersil Corporation X9221AYPI Datasheet HTML 12Page - Intersil Corporation X9221AYPI Datasheet HTML 13Page - Intersil Corporation X9221AYPI Datasheet HTML 14Page - Intersil Corporation X9221AYPI Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN8163.1
September 14, 2005
A.C. CONDITIONS OF TEST
SYMBOL TABLE
Equivalent A.C. Test Circuit
Circuit #3 SPICE Macro Model
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing levels
VCC x 0.5
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
5V
1533
100pF
SDA Output
RH
CH
10pF
CW
RL
CL
RW
RTOTAL
25pF
10pF
Macro Model
120
100
80
40
60
20
20
40
60
80 100 120
0
0
Bus Capacitance (pF)
Min.
Resistance
Max.
Resistance
RMAX =
CBUS
tR
RMIN =
IOL MIN
VCC MAX
=1.8k
X9221A


Similar Part No. - X9221AYPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
logo
Renesas Technology Corp
X9221AYS RENESAS-X9221AYS Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221AYSI INTERSIL-X9221AYSI Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AYSI INTERSIL-X9221AYSI Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
More results

Similar Description - X9221AYPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com