Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSM1-9V-5 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # JSM1-9V-5
Description  Automotive Ultra-Miniature Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JSM1-9V-5 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  JSM1-9V-5 Datasheet HTML 1Page - Nais(Matsushita Electric Works) JSM1-9V-5 Datasheet HTML 2Page - Nais(Matsushita Electric Works) JSM1-9V-5 Datasheet HTML 3Page - Nais(Matsushita Electric Works) JSM1-9V-5 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JS-M
362
1-(3) Electrical life test (Door lock motor load)
Tested sample: JSM1-12V-4, 10 pcs.
Load: DC 16 V Max. 17.7 A, Min. 15.2 A
Switching frequency: 6 cycles/min.
(ON:OFF = 0.5:0.5 s)
Ambient temperature: 30
°C 86°F
Tested cycle: 4
× 104 cycles
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
16 V DC
+
Contact welding
detection and
Mis-contacting
detection circuit
M
M
M
M
24
0
1
2
3
4
5
6
7
8
9
10
No. of operations,
×104
Drop-out voltage
Pick-up voltage
x
x
Max.
Max.
Min.
Min.
30
N.C. side
N.O. side
24
0
10
20
40
50
60
70
80
90
100
No. of operations,
×104
x
x
1-(4) Electrical life test
Tested sample: JSM1-12V-4, 3 pcs.
Load: 16 V DC 25 A/5 A motor load
Switching frequency: 6 cycles
(ON:OFF = 1:9 s)
Ambient temperature: 27
°C 81°F
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
16 V
DC
+
12 V DC
Detection circuit
Contact welding:
Min. 0.5 s
Mis-contacting:
After 0.2 s
M
10
0
1
2
3
4
5
6
No. of operations,
×104
Drop-out voltage
Pick-up voltage
x
x
Max.
Max.
Min.
Min.
Min.
10
0
2
4
6
8
10
12
14
No. of operations,
×104
N.O. side
x
Max.
1-(5) Electrical life test
Tested sample: JSM1-12V-5, 4 pcs.
Load: 16 V DC 15 A (resistive)
Switching frequency: 20 cpm
Ambient temperature: 25
°C 77°F
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
16 V
DC
+
12 V DC
Detection circuit
Contact welding:
Min. 0.5 sec.
Mis-contacting:
After 0.2 sec.
10
0
1
2
3
4
5
6
No. of operations,
×104
Drop-out voltage
Pick-up voltage
x
Max.
Min.
x
Max.
Min.
10
0
2
4
6
8
10
12
14
No. of operations,
×104
N.O. side
x
Max.
Min.
1-(6) Electrical life test
Tested sample: JSM1-12V-5, 3 pcs.
Load: 16 V DC 50 A/10 A motor load
Switching frequency: 6 cycles
(ON:OFF = 1:9 s)
Ambient temperature: 27
°C 81°F
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
16 V
DC
+
12 V DC
Detection circuit
Contact welding:
Min. 0.5 s
Mis-contacting:
After 0.2 s
M
10
0
1
2
3
4
5
6
No. of operations,
×104
Drop-out voltage
Pick-up voltage
x
Max.
x
Max.
Min.
Min.
10
0
2
4
6
8
10
12
14
No. of operations,
×104
x
Max.
Min.
N.O. side


Similar Part No. - JSM1-9V-5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JSM10 XPPOWER-JSM10 Datasheet
399Kb / 3P
   DC-DC Converter
JSM1012D05 XPPOWER-JSM1012D05 Datasheet
399Kb / 3P
   DC-DC Converter
JSM1012D12 XPPOWER-JSM1012D12 Datasheet
399Kb / 3P
   DC-DC Converter
JSM1012D15 XPPOWER-JSM1012D15 Datasheet
399Kb / 3P
   DC-DC Converter
JSM1012S05 XPPOWER-JSM1012S05 Datasheet
399Kb / 3P
   DC-DC Converter
More results

Similar Description - JSM1-9V-5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG60 WILLOW-DG60 Datasheet
444Kb / 3P
   ultra miniature pcb automotive relay
DG20 WILLOW-DG20 Datasheet
215Kb / 2P
   ultra miniature automotive pcb relay
logo
Omron Electronics LLC
G8N1 OMRON-G8N1 Datasheet
139Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8N-1 OMRON-G8N-1 Datasheet
251Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8ND-2 OMRON-G8ND-2 Datasheet
542Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG27 WILLOW-DG27 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
logo
Omron Electronics LLC
G8N1HDC12SK OMRON-G8N1HDC12SK Datasheet
251Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
   Automotive Miniature PCB Power Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com