Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AMPI Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9241AMPI
Description  Low Powr/2-Wire Serial Bus
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMPI Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9241AMPI Datasheet HTML 6Page - Intersil Corporation X9241AMPI Datasheet HTML 7Page - Intersil Corporation X9241AMPI Datasheet HTML 8Page - Intersil Corporation X9241AMPI Datasheet HTML 9Page - Intersil Corporation X9241AMPI Datasheet HTML 10Page - Intersil Corporation X9241AMPI Datasheet HTML 11Page - Intersil Corporation X9241AMPI Datasheet HTML 12Page - Intersil Corporation X9241AMPI Datasheet HTML 13Page - Intersil Corporation X9241AMPI Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN8164.1
September 15, 2005
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as
a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (RH–RL)/63, single pot
(4) Max. = all four arrays cascaded together, Typical = individual array resolutions.
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . . . .-65 to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . .-65 to +150°C
Voltage on SCK, SCL or any address
input with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on any VH/RH, VW/RW or VL/RL
referenced to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V/-4V
∆V = |VH/RH - VL/RL|. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
Lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . . 300°C
IW (10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Temperature (Commercial) . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Temperature (Industrial). . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VCC) Limits
X9241A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ± 10%
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; the functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Analog Specifications
(Over recommended operating conditions unless otherwise stated.)
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
MIN
TYP
MAX
RTOTAL
End to end resistance
-20
+20
%
Power rating
25°C, each pot
50
mW
IW
Wiper current
See Note 7, 8
mA
RW
Wiper resistance
Wiper Current = ± 1mA (Note 7)
40
130
VTERM
Voltage on any VH/RH, VW/RW or VL/RL Pin
-3.0
+5
V
Noise
Ref: 1kHz See Note 5
≤120
dBV
Resolution(4)
See Note 5
1.6
0.4
%
Absolute linearity(1)
Rw(n)(actual) - Rw(n)(expected)
±1
MI(3)
Relative linearity(2)
Rw(n + 1) - [Rw(n) + MI]±0.2
MI(3)
Temperature Coefficient of RTOTAL
See Note 5
±300
ppm/°C
Ratiometric temperature coefficient
See Note 5
±20
ppm/C
CH/CL/CW
Potentiometer capacitances
See Circuit #3 and Note 5
15/15/25
pF
lAL
RH, RI, RW leakage current
VIN = VTERM. Device is in stand-by
mode.
0.1
1
µA
DC Electrical Specifications
(Over recommended operating conditions unless otherwise stated.)
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
MIN
TYP
MAX
lCC
Supply current (active)
fSCL = 100kHz, SDA = Open, Other
Inputs = VSS
3mA
ISB
VCC current (standby)
SCL = SDA = VCC, Addr. = VSS
200
500
µA
ILI
Input leakage current
VIN = VSS to VCC
10
µA
ILO
Output leakage current
VOUT = VSS to VCC
10
µA
VIH
Input HIGH voltage
2
VCC + 1
V
VIL
Input LOW voltage
-1
0.8
V
VOL
Output LOW voltage
IOL = 3mA
0.4
V
X9241A


Similar Part No. - X9241AMPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241AMPI XICOR-X9241AMPI Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AMPI INTERSIL-X9241AMPI Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AMPI INTERSIL-X9241AMPI Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
More results

Similar Description - X9241AMPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
logo
List of Unclassifed Man...
BR24L64 ETC1-BR24L64 Datasheet
99Kb / 2P
   Serial 2 Wire Interface (I2C BUS Type)
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C16U FAIRCHILD-NM24C16U Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Intersil Corporation
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
   Low Noise/Low Power/2-Wire Bus
X9408 INTERSIL-X9408 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
logo
Fairchild Semiconductor
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com