Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9250 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9250
Description  Low Noise/Low Power/SPI Bus/256 Taps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9250 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9250 Datasheet HTML 5Page - Intersil Corporation X9250 Datasheet HTML 6Page - Intersil Corporation X9250 Datasheet HTML 7Page - Intersil Corporation X9250 Datasheet HTML 8Page - Intersil Corporation X9250 Datasheet HTML 9Page - Intersil Corporation X9250 Datasheet HTML 10Page - Intersil Corporation X9250 Datasheet HTML 11Page - Intersil Corporation X9250 Datasheet HTML 12Page - Intersil Corporation X9250 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN8165.1
March 25, 2005
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Global Transfer Data Register (DR) to Wiper Counter Register (WCR)
Global Transfer Wiper Counter Register (WCR) to Data Register (DR)
Read Status
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010 100
A
1
A
0
111 0
R
1
R
0
P
1
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR
addresses
increment/decrement
(sent by master on SI)
CS
Rising
Edge
010
10
0
A
1
A
0
001
0 X X
P
1
P
0
I/D I/D
.
.
.
.
I/D I/D
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
01
010
0
A
1
A
0
000
1
R
1
R
0
00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010100
A
1
A
0
1000
R
1
R
0
00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
Data Byte
(sent by X9250 on SO)
CS
Rising
Edge
01010
0
A
1
A
0
010100
01000000
0
W
I
P
X9250


Similar Part No. - X9250

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250 INTERSIL-X9250 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9250 INTERSIL-X9250 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9250 RENESAS-X9250 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
logo
Intersil Corporation
X9250 INTERSIL-X9250 Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
More results

Similar Description - X9250

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com