Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSM1AF-9V-5 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # JSM1AF-9V-5
Description  Automotive Ultra-Miniature Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JSM1AF-9V-5 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  JSM1AF-9V-5 Datasheet HTML 1Page - Nais(Matsushita Electric Works) JSM1AF-9V-5 Datasheet HTML 2Page - Nais(Matsushita Electric Works) JSM1AF-9V-5 Datasheet HTML 3Page - Nais(Matsushita Electric Works) JSM1AF-9V-5 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
360
JS-M RELAYS
Automotive Ultra-Miniature
Power Relay
16.4
.646
16
.630
22
.866
mm inch
FEATURES
• Low pick-up voltage for high ambient use
• Sealed construction
• Ultra-miniature size with universal footprint
• Usable at high temperature: 85
°C 185°F
SPECIFICATIONS
Contact
* Measured after operating 5 times at the rated load
Coil
Contact rating
Characteristics
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Intial breakdown voltage"section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
Standard type
High capacity
type
Arrangement
1 Form A, 1 Form C
Contact material
Silver alloy
Initial contact resistance, max.*
(By voltage drop 6 V DC 1 A)
200 m
100 m
Initial voltage drop
Max. 0.2 V (at 10 A 12 V DC)
Rating
Nominal switching
capacity
10 A 16 V DC
(resistive)
15 A 16 V DC
(resistive)
Max. switching power
160 W
Max. switching voltage
16 V DC
Max. switching current
10 A
15 A
(10 A max. at
85
°C)
Expected
life (min.
ope.)
Mechanical life
(at 180 cpm)
107
Electrical
Resistive
105
N.O.: 105
N.C.: 5
×104
Nominal operating power
640 mW
Load
Standard type
High capacity type
Form A
Form C
Form A
Form C
N.O.
N.C.
N.O.
N.C.
Max. carry current
15 A
15 A
15 A
15 A
15 A
15 A
Max. make current
25 A
25 A
10 A
50 A
50 A
15 A
Max. break current
10 A
10 A
10 A
15 A
15 A
15 A
Max. operating speed
(at rated load)
15 cps.
Initial insulation resistance*1
Min. 100 M
Ω (at 500 V DC)
Initial
breakdown
voltage*2
Between open
contacts
750 Vrms for 1 min.
Between
contacts and coil
1,500 Vrms for 1 min.
Operate time*3
(at nominal voltage)
Approx. 10 ms
Release time (without diode)*3
(at nominal voltage)
Approx. 10 ms
Shock
resistance
Functional*4
Min. 98 m/s2 {10 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*6
Approx. 98 m/s2 {10 G}, 10 to 55 Hz
at double amplitude of 1.6 mm
Destructive
Approx. 117.6 m/s2 {12 G}, 10 to 55 Hz
at double amplitude of 2 mm
Conditions for
operation, trans-
port and storage*7
(Not freezing and
condensing at low
temperature)
Ambient
temp.
–40
°C to +85°C –40°F to +185°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 12 g .423 oz
TYPICAL APPLICATIONS
• Automotive:
Power-window, car antenna, door lock, intermittent wiper, interior lighting, power seat,
power sunroof, car stereo power antenna, etc.
ORDERING INFORMATION
Ex. JSM
Contact arrangement
Note: Standard packing: Carton: 100 pcs. Case: 500 pcs.
1a: 1 Form A
1: 1 Form C
Nil: Sealed construction
F: Flux-resistant type
4: Standard type (10 A)
5: High capacity type (15 A)
9, 12 V
Protective construction
Coil voltage (DC)
Contact material
1a
F
12V
4


Similar Part No. - JSM1AF-9V-5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JSM10 XPPOWER-JSM10 Datasheet
399Kb / 3P
   DC-DC Converter
JSM1012D05 XPPOWER-JSM1012D05 Datasheet
399Kb / 3P
   DC-DC Converter
JSM1012D12 XPPOWER-JSM1012D12 Datasheet
399Kb / 3P
   DC-DC Converter
JSM1012D15 XPPOWER-JSM1012D15 Datasheet
399Kb / 3P
   DC-DC Converter
JSM1012S05 XPPOWER-JSM1012S05 Datasheet
399Kb / 3P
   DC-DC Converter
More results

Similar Description - JSM1AF-9V-5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG60 WILLOW-DG60 Datasheet
444Kb / 3P
   ultra miniature pcb automotive relay
DG20 WILLOW-DG20 Datasheet
215Kb / 2P
   ultra miniature automotive pcb relay
logo
Omron Electronics LLC
G8N1 OMRON-G8N1 Datasheet
139Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8N-1 OMRON-G8N-1 Datasheet
251Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8ND-2 OMRON-G8ND-2 Datasheet
542Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG27 WILLOW-DG27 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
logo
Omron Electronics LLC
G8N1HDC12SK OMRON-G8N1HDC12SK Datasheet
251Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
   Automotive Miniature PCB Power Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com