Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C09189V-12AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C09189V-12AC
Description  3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09189V-12AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C09189V-12AC Datasheet HTML 1Page - Cypress Semiconductor CY7C09189V-12AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09189V-12AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09189V-12AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09189V-12AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09189V-12AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09189V-12AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09189V-12AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09189V-12AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY7C09079V/89V/99V
CY7C09179V/89V/99V
Document #: 38-06043 Rev. *A
Page 3 of 18
7.
For CY7C09079V and CY7C09089V, pin #23 connected to VCC is pin compatible with an IDT 5V x8 pipelined device; connecting pin #23 and #53 to GND is
pin compatible with an IDT 5V x16 flow-through device.
Pin Configurations (continued)
Notes:
8.
This pin is NC for CY7C09179V.
9.
This pin is NC for CY7C09179V and CY7C09189V.
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
NC
NC
A7R
A8R
A9R
A10R
A15R
A12R
A14R
GND
NC
NC
CE0R
A13R
A11R
NC
NC
CE1R
CNTRSTR
R/WR
OER
FT/PIPER
GND
NC
A16R
58
57
56
55
54
53
52
51
NC
NC
A7L
A8L
A9L
A10L
A15L
A12L
A14L
VCC
NC
NC
CE0L
A13L
A11L
NC
NC
CE1L
CNTRSTL
R/WL
OEL
FT/PIPEL
NC
NC
A16L
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
100-Pin TQFP
(Top View)
CY7C09189V (64K x 9)
CY7C09179V (32K x 9)
CY7C09199V (128K x 9)
[8]
[8]
[9]
[9]
Selection Guide
CY7C09079V/89V/99V
CY7C09179V/89V/99V
-6[1]
CY7C09079V/89V/99V
CY7C09179V/89V/99V
-7[1]
CY7C09079V/89V/99V
CY7C09179V/89V/99V
-9
CY7C09079V/89V/99V
CY7C09179V/89V/99V
-12
fMAX2 (MHz) (Pipelined)
100
83
67
50
Max. Access Time (ns)
(Clock to Data,
Pipelined)
6.5
7.5
9
12
Typical Operating
Current ICC (mA)
175
155
135
115
Typical Standby Cur-
rent for ISB1 (mA) (Both
Ports TTL Level)
25
25
20
20
Typical Standby Cur-
rent for ISB3 (µA) (Both
Ports CMOS Level)
10
µA10 µA10 µA
10
µA


Similar Part No. - CY7C09189V-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09189V-12AC CYPRESS-CY7C09189V-12AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09189V-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079A CYPRESS-CY7C09079A Datasheet
336Kb / 18P
   32K x 8/9 Synchronous Dual-Port Static RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com