Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C09199V-7AC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C09199V-7AC
Description  3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09199V-7AC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C09199V-7AC Datasheet HTML 1Page - Cypress Semiconductor CY7C09199V-7AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09199V-7AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09199V-7AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09199V-7AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09199V-7AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09199V-7AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09199V-7AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09199V-7AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY7C09079V/89V/99V
CY7C09179V/89V/99V
Document #: 38-06043 Rev. *A
Page 5 of 18
Note:
12. CEL and CER are internal signals. To select either the left or right port, both CE0 AND CE1 must be asserted to their active states (CE0 ≤ VIL and CE1 ≥ VIH).
Electrical Characteristics Over the Operating Range
Parameter
Description
CY7C09079V/89V/99V
CY7C09179V/89V/99V
-6[1]
-7[1]
-9
-12
VOH
Output HIGH Voltage (VCC = Min.
IOH = –4.0 mA)
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage (VCC = Min.
IOH = +4.0 mA)
0.4
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
IOZ
Output Leakage Current
–10
10
–10
10
–10
10
–10
10
µA
ICC
Operating Current
(VCC = Max. IOUT = 0 mA)
Outputs Disabled
Com’l.
175
320
155
275
135
225
115
205
mA
Ind.[11]
275
390
185
295
mA
ISB1
Standby Current (Both
Ports TTL Level)[12] CEL
& CER ≥ VIH, f = fMAX
Com’l.
25
95
25
85
20
65
20
50
mA
Ind.[11]
85
120
35
75
mA
ISB2
Standby Current (One
Port TTL Level)[12] CEL |
CER ≥ VIH, f = fMAX
Com’l.
115
175
105
165
95
150
85
140
mA
Ind.[11]
165
210
105
160
mA
ISB3
Standby Current (Both
Ports CMOS Level)[12]
CEL & CER ≥ VCC – 0.2V,
f = 0
Com’l.
10
250
10
250
10
250
10
250
µA
Ind.[11]
10
250
10
250
µA
ISB4
Standby Current (One
Port CMOS Level)[12]
CEL | CER ≥ VIH, f = fMAX
Com’l.
105
135
95
125
85
115
75
100
mA
Ind.[11]
125
170
95
125
mA
Capacitance
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
10
pF
COUT
Output Capacitance
10
pF


Similar Part No. - CY7C09199V-7AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09199V-7AC CYPRESS-CY7C09199V-7AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09199V-7AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079A CYPRESS-CY7C09079A Datasheet
336Kb / 18P
   32K x 8/9 Synchronous Dual-Port Static RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com