Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C09199V-9AC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C09199V-9AC
Description  3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09199V-9AC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C09199V-9AC Datasheet HTML 1Page - Cypress Semiconductor CY7C09199V-9AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09199V-9AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09199V-9AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09199V-9AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09199V-9AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09199V-9AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09199V-9AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09199V-9AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CY7C09079V/89V/99V
CY7C09179V/89V/99V
Document #: 38-06043 Rev. *A
Page 4 of 18
Maximum Ratings[10]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature –65
°C to +150°C
Ambient Temperature with Power Applied–55
°C to +125°C
Supply Voltage to Ground Potential–0.5V to +4.6V
DC Voltage Applied to
Outputs in High Z State–0.5V to VCC+0.5V
DC Input Voltage–0.5V to VCC+0.5V
Output Current into Outputs (LOW)20 mA
Static Discharge Voltage>2001V
Latch-Up Current>200 mA
Pin Definitions
Left Port
Right Port
Description
A0L–A16L
A0R–A16R
Address Inputs (A0–A14 for 32K; A0–A15 for 64K; and A0–A16 for 128K devices).
ADSL
ADSR
Address Strobe Input. Used as an address qualifier. This signal should be asserted LOW to
access the part using an externally supplied address. Asserting this signal LOW also loads the
burst counter with the address present on the address pins.
CE0L,CE1L
CE0R,CE1R
Chip Enable Input. To select either the left or right port, both CE0 AND CE1 must be asserted to
their active states (CE0 ≤ VIL and CE1 ≥ VIH).
CLKL
CLKR
Clock Signal. This input can be free running or strobed. Maximum clock input rate is fMAX.
CNTENL
CNTENR
Counter Enable Input. Asserting this signal LOW increments the burst address counter of its
respective port on each rising edge of CLK. CNTEN is disabled if ADS or CNTRST are asserted
LOW.
CNTRSTL
CNTRSTR
Counter Reset Input. Asserting this signal LOW resets the burst address counter of its respective
port to zero. CNTRST is not disabled by asserting ADS or CNTEN.
I/O0L–I/O8L
I/O0R–I/O8R
Data Bus Input/Output (I/O0–I/O7 for x8 devices; I/O0–I/O8 for x9 devices).
OEL
OER
Output Enable Input. This signal must be asserted LOW to enable the I/O data pins during read
operations.
R/WL
R/WR
Read/Write Enable Input. This signal is asserted LOW to write to the dual port memory array.
For read operations, assert this pin HIGH.
FT/PIPEL
FT/PIPER
Flow-Through/Pipelined Select Input. For flow-through mode operation, assert this pin LOW. For
pipelined mode operation, assert this pin HIGH.
GND
Ground Input.
NC
No Connect.
VCC
Power Input.
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
3.3V
± 300 mV
Industrial[11]
–40
°C to +85°C
3.3V
± 300 mV
Note:
10. The Voltage on any input or I/O pin cannot exceed the power pin during power-up.
11.
Industrial parts are available in CY7C09099V and CY7C09199V only.


Similar Part No. - CY7C09199V-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09199V-9AC CYPRESS-CY7C09199V-9AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09199V-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079A CYPRESS-CY7C09079A Datasheet
336Kb / 18P
   32K x 8/9 Synchronous Dual-Port Static RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com