Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AWSI Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9221AWSI
Description  64 Taps, 2-Wire Serial Bus
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AWSI Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9221AWSI Datasheet HTML 4Page - Intersil Corporation X9221AWSI Datasheet HTML 5Page - Intersil Corporation X9221AWSI Datasheet HTML 6Page - Intersil Corporation X9221AWSI Datasheet HTML 7Page - Intersil Corporation X9221AWSI Datasheet HTML 8Page - Intersil Corporation X9221AWSI Datasheet HTML 9Page - Intersil Corporation X9221AWSI Datasheet HTML 10Page - Intersil Corporation X9221AWSI Datasheet HTML 11Page - Intersil Corporation X9221AWSI Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN8163.1
September 14, 2005
DETAILED OPERATION
Both XDCP potentiometers share the serial interface
and share a common architecture. Each potentiometer
is comprised of a resistor array, a wiper counter regis-
ter and four data registers. A detailed discussion of the
register organization and array operation follows.
Wiper Counter Register
The X9221A contains two wiper counter registers
(WCR), one for each XDCP potentiometer. The WCR
can be envisioned as a 6-bit parallel and serial load
counter with its outputs decoded to select one of sixty-
four switches along its resistor array. The contents of
the WCR can be altered in four ways: it may be written
directly by the host via the Write WCR instruction
(serial load); it may be written indirectly by transferring
the contents of one of four associated data registers
via the XFR Data Register instruction (parallel load); it
can be modified one step at a time by the Increment/
Decrement instruction; finally, it is loaded with the con-
tents of its data register zero (R0) upon power-up.
The WCR is a volatile register; that is, its contents are
lost when the X9221A is powered-down. Although the
register is automatically loaded with the value in R0
upon power-up, it should be noted this may be differ-
ent from the value present at power-down.
Data Registers
Each potentiometer has four nonvolatile data regis-
ters. These can be read or written directly by the host
and data can be transferred between any of the four
data registers and the WCR. It should be noted all
operations changing data in one of these registers is a
nonvolatile operation and will take a maximum of
10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could possibly
store system parameters or user preference data.
Figure 8. Detailed Potentiometer Block Diagram
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
Register 2
Register 3
Serial
Bus
Input
Parallel
Bus
Input
Wiper
Counter
Register
INC/DEC
Logic
UP/DN
CLK
Modified SCL
UP/DN
VH/RH
If WCR = 00[H] then VW/RW = VL/RL
If WCR = 3F[H] then VW/RW = VH/RH
8
6
C
D
e
o
u
n
t
e
r
e
c
o
d
VL/RL
VW/RW
X9221A


Similar Part No. - X9221AWSI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AWSI INTERSIL-X9221AWSI Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AWSI INTERSIL-X9221AWSI Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
logo
Renesas Technology Corp
X9221AWSI RENESAS-X9221AWSI Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221AWSIZ INTERSIL-X9221AWSIZ Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AWSIZ INTERSIL-X9221AWSIZ Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
More results

Similar Description - X9221AWSI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com