Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258TS24 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9258TS24
Description  Low Noise/Low Power/2-Wire Bus/256 Taps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258TS24 Datasheet(HTML) 2 Page - Intersil Corporation

  X9258TS24 Datasheet HTML 1Page - Intersil Corporation X9258TS24 Datasheet HTML 2Page - Intersil Corporation X9258TS24 Datasheet HTML 3Page - Intersil Corporation X9258TS24 Datasheet HTML 4Page - Intersil Corporation X9258TS24 Datasheet HTML 5Page - Intersil Corporation X9258TS24 Datasheet HTML 6Page - Intersil Corporation X9258TS24 Datasheet HTML 7Page - Intersil Corporation X9258TS24 Datasheet HTML 8Page - Intersil Corporation X9258TS24 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN8168.1
May 6, 2005
PIN DESCRIPTIONS
Host Interface Pins
SERIAL CLOCK (SCL)
The SCL input is used to clock data into and out of the
X9258.
SERIAL DATA (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It is an open drain output and
may be wire-ORed with any number of open drain or
open collector outputs. An open drain output requires
the use of a pull-up resistor. For selecting typical
values, refer to the guidelines for calculating typical
values on the bus pull-up resistors graph.
DEVICE ADDRESS (A0 - A3)
The Address inputs are used to set the least
significant 4 bits of the 8-bit slave address. A match in
the slave address serial data stream must be made
with
the
address
input
in
order
to
initiate
communication with the X9258. A maximum of 16
devices may occupy the 2-wire serial bus.
Potentiometer Pins
VH/RH (VH0/RH0 - VH3/RH3), VL/RL (VL0/RL0 -
VL3/RL3)
The VH/RH and VL/RL inputs are equivalent to the
terminal connections on either end of a mechanical
potentiometer.
VW/RW (VW0/RW0 - VW3/RW3)
The wiper outputs are equivalent to the wiper output of
a mechanical potentiometer.
Hardware Write Protect Input (WP)
The WP pin when low prevents nonvolatile writes to
the Data Registers.
Analog Supplies V+, V-
The Analog Supplies V+, V- are the supply voltages for
the DCP analog section.
PIN CONFIGURATION
PIN NAMES
PRINCIPLES OF OPERATION
The
X9258
is
a
highly
integrated
microcircuit
incorporating four resistor arrays and their associated
registers and counters and the serial interface logic
providing direct communication between the host and
the DCP potentiometers.
Serial Interface—2-Wire
The X9258 supports a bidirectional bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter and the receiving
device as the receiver. The device controlling the
transfer is a master and the device being controlled is
the slave. The master will always initiate data transfers
Symbol
Description
SCL
Serial Clock
SDA
Serial Data
A0-A3
Device Address
VH0/RH0 - VH3/RH3,
VL0/RL0 - VL3/RL3
Potentiometer Pins
(terminal equivalent)
VW0/RW0 - VW3/RW3
Potentiometers Pins
(wiper equivalent)
WP
Hardware Write Protection
V+,V-
Analog Supplies
VCC
System Supply Voltage
VSS
System Ground
NC
No Connection (Allowed)
NC
A0
VW3/RW3
V+
VCC
VL0/RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
A3
SCL
VL2/RL2
VH2/RH2
VW2/RW2
V–
VSS
VW1/RW1
VH1/RH1
VL1/RL1
SOIC/TSSOP
X9258
VH3/RH3
14
13
11
12
VL3/RL3
VH0/RH0
VW0/RW0
A2
A1
SDA
WP
X9258


Similar Part No. - X9258TS24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9258TS24 XICOR-X9258TS24 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9258TS24 INTERSIL-X9258TS24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
X9258TS24 INTERSIL-X9258TS24 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258TS24-2.7 XICOR-X9258TS24-2.7 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9258TS24-2.7 INTERSIL-X9258TS24-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
More results

Similar Description - X9258TS24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com