Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5329S8IZ-4.5A Datasheet(PDF) 8 Page - Intersil Corporation

Part # X5329S8IZ-4.5A
Description  CPU Supervisor with 32Kbit SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5329S8IZ-4.5A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X5329S8IZ-4.5A Datasheet HTML 4Page - Intersil Corporation X5329S8IZ-4.5A Datasheet HTML 5Page - Intersil Corporation X5329S8IZ-4.5A Datasheet HTML 6Page - Intersil Corporation X5329S8IZ-4.5A Datasheet HTML 7Page - Intersil Corporation X5329S8IZ-4.5A Datasheet HTML 8Page - Intersil Corporation X5329S8IZ-4.5A Datasheet HTML 9Page - Intersil Corporation X5329S8IZ-4.5A Datasheet HTML 10Page - Intersil Corporation X5329S8IZ-4.5A Datasheet HTML 11Page - Intersil Corporation X5329S8IZ-4.5A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
FN8132.1
October 17, 2005
The Write Enable Latch (WEL) bit indicates the Status
of the Write Enable Latch. When WEL = 1, the latch is
set HIGH and when WEL = 0 the latch is reset LOW.
The WEL bit is a volatile, read only bit. It can be set by
the WREN instruction and can be reset by the WRDS
instruction.
The block lock bits, BL0 and BL1, set the level of block
lock protection. These nonvolatile bits are pro-
grammed using the WRSR instruction and allow the
user to protect one quarter, one half, all or none of the
EEPROM array. Any portion of the array that is block
lock protected can be read but not written. It will
remain protected until the BL bits are altered to disable
block lock protection of that portion of memory.
The FLAG bit shows the status of a volatile latch that
can be set and reset by the system using the SFLB and
RFLB instructions. The Flag bit is automatically reset
upon power-up.
The nonvolatile WPEN bit is programmed using the
WRSR instruction. This bit works in conjunction with the
WP pin to provide an In-Circuit Programmable ROM
function (Table 2). WP is LOW and WPEN bit pro-
grammed HIGH disables all Status Register Write
Operations.
In Circuit Programmable ROM Mode
This mechanism protects the block lock and Watchdog
bits from inadvertent corruption.
In the locked state (
Programmable ROM Mode) the WP
pin is LOW and the nonvolatile bit WPEN is “1”. This
mode disables nonvolatile writes to the device’s Status
Register.
Setting the WP pin LOW while WPEN is a “1” while an
internal write cycle to the Status Register is in progress
will not stop this write operation, but the operation dis-
ables subsequent write attempts to the Status Register.
When WP is HIGH, all functions, including nonvolatile
writes to the Status Register operate normally.
Setting the WPEN bit in the Status Register to “0”
blocks the WP pin function, allowing writes to the Status
Register when WP is HIGH or LOW. Setting the WPEN
bit to “1” while the WP pin is LOW activates the Pro-
grammable ROM mode, thus requiring a change in the
WP pin prior to subsequent Status Register changes.
This allows manufacturing to install the device in a sys-
tem with WP pin grounded and still be able to program
the Status Register. Manufacturing can then load Con-
figuration data, manufacturing time and other parame-
ters into the EEPROM, then set the portion of memory
to be protected by setting the block lock bits, and finally
set the “OTP mode” by setting the WPEN bit. Data
changes now require a hardware change.
Figure 5. Read EEPROM Array Sequence
Status Register Bits
Array Addresses Protected
BL1
BL0
X5328/X5329
0
0
None
0
1
$0C00-$0FFF
1
0
$0800-$0FFF
1
1
$0000-$0FFF
0
1
2
3
4
5
6
7
8
9
10
20 21 22 23 24 25
26 27 28 29 30
7
6
543
21
0
Data Out
CS
SCK
SI
SO
MSB
High Impedance
Instruction
16 Bit Address
15 14 13
3
2
1
0
X5328, X5329


Similar Part No. - X5329S8IZ-4.5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5329S8IZ-4.5A RENESAS-X5329S8IZ-4.5A Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
More results

Similar Description - X5329S8IZ-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Renesas Technology Corp
X5323 RENESAS-X5323 Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
X5328 RENESAS-X5328 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com