Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9252WS24IZ-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9252WS24IZ-2.7
Description  Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9252WS24IZ-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9252WS24IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9252WS24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9252WS24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9252WS24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9252WS24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9252WS24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9252WS24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9252WS24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9252WS24IZ-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN8167.1
September 14, 2005
SDA vs SCL Timing
WP, A0, A1, and A2 Pin Timing
tBUF (Note 5) Bus Free Time (Prior to Any Transmission)
1200
ns
tSU:WPA
(Note 5)
A0, A1, A2 and WP Setup Time
600
ns
tHD:WPA
(Note 5)
A0, A1, A2 and WP Hold Time
600
ns
2-Wire Interface timing (s) (Continued)
SYMBOL
PARAMETER
MIN
MAX
UNITS
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(Input Timing)
SDA
(Output Timing)
tF
tLOW
tBUF
tAA
tR
tHD:WP
SCL
SDA IN
WP, A0, A1, or A2
tSU:WP
Clk 1
START
STOP
Increment/Decrement Timing
SYMBOL
PARAMETER
MIN
TYP (Note 4)
MAX
UNITS
tCI
CS to SCL Setup
600
ns
tID (Note 5)
SCL HIGH to U/D, DS0 or DS1 change
600
ns
tDI (Note 5)
U/D, DS0 or DS1 to SCL setup
600
ns
tIL
SCL LOW period
2.5
µs
tIH
SCL HIGH period
2.5
µs
tIC
SCL inactive to CS inactive (Nonvolatile Store Setup Time)
1
µs
tCPHS
CS deselect time (STORE)
10
ms
tCPHNS
(Note 5)
CS deselect time (NO STORE)
1
µs
tIW (Note 5)
SCL to RW change
100
500
µs
tCYC
SCL cycle time
5
µs
tR, tF (Note 5) SCL input rise and fall time
500
µs
X9252


Similar Part No. - X9252WS24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9252WV24-2.7 XICOR-X9252WV24-2.7 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
X9252WV24I-2.7 XICOR-X9252WV24I-2.7 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9252WV24IZ-2.7 INTERSIL-X9252WV24IZ-2.7 Datasheet
445Kb / 19P
   Quad Digitally-Controlled Potentiometer
July 24, 2014
logo
Renesas Technology Corp
X9252WV24IZ-2.7 RENESAS-X9252WV24IZ-2.7 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9252WS24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
logo
Intersil Corporation
X9259US24Z INTERSIL-X9259US24Z Datasheet
431Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
logo
Renesas Technology Corp
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com