Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AUPI Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9221AUPI
Description  64 Taps, 2-Wire Serial Bus
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AUPI Datasheet(HTML) 4 Page - Intersil Corporation

  X9221AUPI Datasheet HTML 1Page - Intersil Corporation X9221AUPI Datasheet HTML 2Page - Intersil Corporation X9221AUPI Datasheet HTML 3Page - Intersil Corporation X9221AUPI Datasheet HTML 4Page - Intersil Corporation X9221AUPI Datasheet HTML 5Page - Intersil Corporation X9221AUPI Datasheet HTML 6Page - Intersil Corporation X9221AUPI Datasheet HTML 7Page - Intersil Corporation X9221AUPI Datasheet HTML 8Page - Intersil Corporation X9221AUPI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN8163.1
September 14, 2005
Acknowledge
Acknowledge is a software convention used to provide
a positive handshake between the master and slave
devices on the bus to indicate the successful receipt of
data. The transmitting device, either the master or the
slave, will release the SDA bus after transmitting eight
bits. The master generates a ninth clock cycle and
during this period the receiver pulls the SDA line LOW
to acknowledge that it successfully received the eight
bits of data. See Figure 7.
The X9221A will respond with an acknowledge after
recognition of a start condition and its slave address
and once again after successful receipt of the com-
mand byte. If the command is followed by a data byte
the X9221A will respond with a final acknowledge.
Array Description
The X9221A is comprised of two resistor arrays. Each
array contains 63 discrete resistive segments that are
connected in series. The physical ends of each array
are equivalent to the fixed terminals of a mechanical
potentiometer (VH/RH and VL/RL inputs).
At both ends of each array and between each resistor
segment is a FET switch connected to the wiper
(VW/RW) output. Within each individual array only one
switch may be turned on at a time. These switches are
controlled by the Wiper Counter Register (WCR). The
six least significant bits of the WCR are decoded to
select, and enable, one of sixty-four switches.
The WCR may be written directly, or it can be changed
by transferring the contents of one of four associated
data registers into the WCR. These data registers and
the WCR can be read and written by the host system.
Device Addressing
Following a start condition the master must output the
address of the slave it is accessing. The most signifi-
cant four bits of the slave address are the device type
identifier (refer to Figure 1 below). For the X9221A this
is fixed as 0101[B].
Figure 1. Slave Address
The next four bits of the slave address are the device
address. The physical device address is defined by
the state of the A0-A3 inputs. The X9221A compares
the serial data stream with the address input state; a
successful compare of all four address bits is required
for the X9221A to respond with an acknowledge.
Acknowledge Polling
The disabling of the inputs, during the internal nonvol-
atile write operation, can be used to take advantage of
the typical 5ms EEPROM write cycle time. Once the
stop condition is issued to indicate the end of the non-
volatile write command the X9221A initiates the inter-
nal
write
cycle.
ACK
polling
can
be
initiated
immediately. This involves issuing the start condition
followed by the device slave address. If the X9221A is
still busy with the write operation no ACK will be
returned. If the X9221A has completed the write oper-
ation an ACK will be returned and the master can then
proceed with the next operation.
Flow 1. ACK Polling Sequence
1
0
0
A3
A2
A1
A0
Device Type
Identifier
Device Address
1
Nonvolatile Write
Command Completed
Enter ACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
Further
Operation?
Issue
Instruction
Proceed
Issue STOP
NO
YES
YES
Proceed
Issue STOP
NO
X9221A


Similar Part No. - X9221AUPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AUPI INTERSIL-X9221AUPI Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AUPI INTERSIL-X9221AUPI Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
logo
Renesas Technology Corp
X9221AUPI RENESAS-X9221AUPI Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221AUPIZ INTERSIL-X9221AUPIZ Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AUPIZ INTERSIL-X9221AUPIZ Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
More results

Similar Description - X9221AUPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com