Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AUPIZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9221AUPIZ
Description  64 Taps, 2-Wire Serial Bus
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AUPIZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9221AUPIZ Datasheet HTML 5Page - Intersil Corporation X9221AUPIZ Datasheet HTML 6Page - Intersil Corporation X9221AUPIZ Datasheet HTML 7Page - Intersil Corporation X9221AUPIZ Datasheet HTML 8Page - Intersil Corporation X9221AUPIZ Datasheet HTML 9Page - Intersil Corporation X9221AUPIZ Datasheet HTML 10Page - Intersil Corporation X9221AUPIZ Datasheet HTML 11Page - Intersil Corporation X9221AUPIZ Datasheet HTML 12Page - Intersil Corporation X9221AUPIZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN8163.1
September 14, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ................... -65°C to +135°C
Storage Temperature ........................ -65°C to +150°C
Voltage on SCK, SCL or Any Address
Input With Respect to VSS ...................... -1V to +7V
Voltage on Any VH/RH, VW/RW or VL/RL
Referenced to VSS................................. +6V / -4.3V
∆V = |VH/RH–VL/RL|...........................................10.3V
Lead Temperature (soldering, 10 seconds)....... 300°C
IW (10s) ..............................................................±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
indicated in the operational sections of this specifica-
tion) is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect
device reliability.
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
RTOTAL
End to End Resistance
-20
+20
%
Power Rating
50
mW
25°C, each pot
IW
Wiper Current
-3
+3
mA
RW
Wiper Resistance
40
130
Wiper Current = ±1mA
VTERM
Voltage on any VH/RH, VW/RW or
VL/RL Pin
-3.0
+5
V
Noise
≤120
dBV
Ref: 1V
Resolution
1.6
%
See Note 5
Absolute Linearity(1)
-1
+1
MI(3)
Vw(n)(actual - Vw(n)(expected)
Relative Linearity(2)
-0.2
+0.2
MI(3)
Vw(n + 1) - [Vw(n) + MI]
Temperature Coefficient
±300
ppm/°C
See Note 5
Radiometric Temperature Coefficient
±20
ppm/°C
See Note 5
CH/CL/CW Potentiometer Capacitances
10/10/25
pF
See circuit #3
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Supply Voltage
Limits
X9221A
5V ± 10%
X9221A


Similar Part No. - X9221AUPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AUPIZ INTERSIL-X9221AUPIZ Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AUPIZ INTERSIL-X9221AUPIZ Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
logo
Renesas Technology Corp
X9221AUPIZ RENESAS-X9221AUPIZ Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9221AUPIZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com